Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
56853 Technical Data, Rev. 6
34
Freescale Semiconductor
IRQA, IRQB Assertion to External Data Memory
Access Out Valid, caused by first instruction execution
in the interrupt service routine
tIDM
18T
—
ns
4-13
tIDM -FAST
14T
—
IRQA, IRQB Assertion to General Purpose Output
Valid, caused by first instruction execution in the
interrupt service routine
tIG
18T
—
ns
4-13
tIG -FAST
14T
—
IRQA Low to First Valid Interrupt Vector Address Out
recovery from Wait State4
tIRI
22T
—
ns
4-14
tIRI -FAST
18T
—
Delay from IRQA Assertion (exiting Stop) to External
Data Memory5
tIW
1.5T
—
ns
4-15
Delay from IRQA Assertion (exiting Wait) to External
Data Memory
Fast6
Normal7
tIF
18T
22ET
—
—
ns
ns
4-15
RSTO pulse width8
normal operation
internal reset mode
tRSTO
128ET
8ET
—
—
—
—
4-16
1.
In the formulas, T = clock cycle. For fop = 120MHz operation and fipb = 60MHz, T = 8.33ns.
2.
Parameters listed are guaranteed by design.
3.
At reset, the PLL is disabled and bypassed. The part is then put into Run mode and tclk assumes the period of the source
clock, txtal, textal or tosc.
4.
The minimum is specified for the duration of an edge-sensitive IRQA interrupt required to recover from the Stop state. This is
not the minimum required so that the IRQA interrupt is accepted.
5.
The interrupt instruction fetch is visible on the pins only in Mode 3.
6.
Fast stop mode:
Fast stop recovery applies when external clocking is in use (direct clocking to XTAL) or when fast stop mode recovery is
requested (OMR bit 6 is set to 1). In both cases the PLL and the master clock are unaffected by stop mode entry. Recovery takes
one less cycle and tclk will continue same value it had before stop mode was entered.
7.
Normal stop mode:
As a power saving feature, normal stop mode disables and bypasses the PLL. Stop mode will then shut down the master
clock, recovery will take an extra cycle (to restart the clock), and tclk will resume at the input clock source rate.
8.
ET = External Clock period, For an external crystal frequency of 8MHz, ET=125 ns.
Table 4-8 Reset, Stop, Wait, Mode Select, and Interrupt Timing1, 2 (Continued)
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98V, VDDIO = VDDA = 3.0–3.6V, TA = –40° to +120°C, CL ≤ 50pF, fop = 120MHz
Characteristic
Symbol
Min
Max
Unit
See Figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com