Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
56853 Technical Data, Rev. 6
52
Freescale Semiconductor
Table 5-1 56853 Pin Identification by Pin Number
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
1
MISO
33
CLKO
65
RXD0
97
TIO3
2
MOSI
34
RSTO
66
TXDO
98
TIO2
3
SCK
35
RESET
67
A16
99
TIO1
4
SS
36
HD3
68
A17
100
VDDIO
5
VDDIO
37
HD4
69
A18
101
TIO0
6
VSSIO
38
HD5
70
A19
102
VSSIO
7
RD
39
HD6
71
A20
103
HDS
8
WR
40
HD7
72
VDDIO
104
HCS
9
A0
41
VDDIO
73
D0
105
HREQ
10
A1
42
VSSIO
74
VSSIO
106
HACK
11
A2
43
A8
75
CS0
107
D6
12
A3
44
A9
76
CS1
108
D7
13
VDD
45
A10
77
CS2
109
D8
14
VSS
46
A11
78
CS3
110
D9
15
MODA
47
VDD
79
VDD
111
D10
16
MODB
48
VSS
80
VDD
112
VDD
17
MODC
49
DE
81
VSS
113
VSS
18
VDDIO
50
TRST
82
HA0
114
VDDIO
19
VSSIO
51
TDO
83
HA1
115
VSSIO
20
IRQA
52
TDI
84
HA2
116
STD0
21
IRQB
53
TMS
85
HRWB
117
SRD0
22
VDDA
54
TCK
86
D1
118
SCK0
23
VSSA
55
VDDIO
87
D2
119
SC00
24
XTAL
56
VSSIO
88
D3
120
SC01
25
EXTAL
57
A12
89
D4
121
SC02
26
A4
58
A13
90
D5
122
D11
27
A5
59
A14
91
VDDIO
123
D12
28
A6
60
A15
92
VDDIO
124
VDDIO
29
A7
61
VDDIO
93
VSSIO
125
VSSIO
30
HD0
62
VSSIO
94
RXD1
126
D13
31
HD1
63
VSS
95
TXD1
127
D14
32
HD2
64
VDD
96
VSS
128
D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com