Electronic Components Datasheet Search
  English  ▼

X  

DSP56853 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56853 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
56853 Technical Data, Rev. 6
32
Freescale Semiconductor
Figure 4-10 External Memory Interface Timing
Table 4-7 External Memory Interface Timing
Operating Conditions: VSS = VSSIO = VSSA = 0 V, VDD = 1.62-1.98 V, VDDIO = VDDA = 3.0–3.6V, TA = –40× to +120×C, CL £ 50pF, P = 8.333ns
Characteristic
Symbol
Wait States
Configuration
D
M
Wait States
Controls
Unit
Address Valid to WR Asserted
tAWR
WWS=0
-0.79
0.50
WWSS
ns
WWS>0
-1.98
0.69
WR Width Asserted to WR
Deasserted
tWR
WWS=0
-0.86
0.19
WWS
ns
WWS>0
-0.01
0.00
Data Out Valid to WR Asserted
tDWR
WWS=0
-1.52
0.00
WWSS
ns
WWS=0
- 5.69
0.25
WWS>0
-2.10
0.19
WWS>0
-4.66
0.50
Valid Data Out Hold Time after WR
Deasserted
tDOH
-1.47
0.25
WWSH
ns
Valid Data Out Set Up Time to WR
Deasserted
tDOS
-2.36
0.19
WWS,WWSS
ns
-4.67
0.50
Valid Address after WR
Deasserted
tWAC
-1.60
0.25
WWSH
tDRD
tRDD
tAD
tDOH
tDOS
tDWR
tRDWR
tWAC
tWRRD
tWR
tAWR
tWRWR
tARDD
tRDA
tRDRD
tRD
tARDA
Data Out
Data In
A0-Axx,CS
RD
WR
D0-D15
Note: During read-modify-write instructions and internal instructions, the address lines do not change state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com