Electronic Components Datasheet Search
  English  ▼

X  

56F8366 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # 56F8366
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8366 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button 56F8366 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 126Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 128Page - Freescale Semiconductor, Inc 56F8366 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 184 page
background image
Register Descriptions
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
125
Preliminary
Figure 6-10 Overall Control of GPIOC Pads Using SIM_GPS Control
Table 6-2 Control of GPIOC Pads Using SIM_GPS Control 1
1. This applies to the four pins that serve as Quad Decoder / Quad Timer / SPI / GPIOC functions. A separate set of control
bits is used for each pin.
Pin Function
Control Registers
Comments
GPIO Input
0
0
—
—
GPIO Output
0
1
—
—
Quad Timer Input /
Quad Decoder
Input 2
2. Reset configuration
1
—
0
0
See the “Switch Matrix for Inputs to the Timer”
table in the 56F8300 Peripheral User Manual
for the definition of timer inputs based on the
Quad Decoder mode configuration.
Quad Timer Output
/ Quad Decoder
Input 3
3. Quad Decoder pins are always inputs and function in conjunction with the Quad Timer pins.
1—
0
1
SPI input
1
—
1
—
See SPI controls for determining the direction
of each of the SPI pins.
SPI output
1
—
1
—
GPIOC_PER Register
GPIO Controlled
I/O Pad Control
SIM_ GPS Register
Quad Timer Controlled
SPI Controlled
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com