Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33661 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33661
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33661 8-SOICN Pin Connections
Table 1. 33661 8-SOICN Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page page 12.
Pin
Pin Name
Formal Name
Definition
1
RXD
Data Output
MCU interface that reports the state of the LIN bus voltage.
2
EN
Enable Control
Controls the operation mode of the interface.
3
WAKE
Wake Input
High-voltage input used to wake up the device from Sleep mode.
4
TXD
Data Input
MCU interface to control the state of the LIN output.
5
GND
Ground
Device ground pin.
6
LIN
LIN Bus
Bidirectional pin that represents the single-wire bus transmitter and receiver.
7
VSUP
Power Supply
Device power supply pin.
8
INH
Inhibit Output
This pin can have two main functions: controlling an external switchable voltage
regulator having an inhibit input or driving a bus external resistor in the master node
application.
1
2
3
4
5
6
7
8
RXD
EN
WAKE
TXD
INH
VSUP
LIN
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com