Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33661
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LIN OUTPUT TIMING CHARACTERISTICS FOR NORMAL MODE
Dominant Propagation Delay Time TXD to LIN (6)
Measurement Threshold (50% TXD to 58.1% VSUP)
Measurement Threshold (50% TXD to 28.4% VSUP)
tDOM(MIN)
tDOM(MAX)
—
—
—
—
50
50
µs
Recessive Propagation Delay Time TXD to LIN (6)
Measurement Threshold (50% TXD to 42.2% VSUP)
Measurement Threshold (50% TXD to 74.4% VSUP)
tREC(MIN)
tREC(MAX)
—
—
—
—
50
50
µs
Propagation Delay Time Symmetry
tDOM(MIN) to tREC(MAX)
tDOM(MAX) to tREC(MIN)
dt1
dt2
-10.44
-10.44
—
—
8.12
8.12
µs
LIN OUTPUT TIMING CHARACTERISTICS FOR SLOW MODE
Dominant Propagation Delay Time TXD to LIN (6)
Measurement Threshold (50% TXD to 61.6% VSUP)
Measurement Threshold (50% TXD to 25.1% VSUP)
tDOM(MIN)
tDOM(MAX)
—
—
—
—
100
100
µs
Recessive Propagation Delay Time TXD to LIN (6)
Measurement Threshold (50% TXD to 38.9% VSUP)
Measurement Threshold (50% TXD to 77.8% VSUP)
tREC(MIN)
tREC(MAX)
—
—
—
—
100
100
µs
Propagation Delay Time Symmetry
tDOM(MIN) to tREC(MAX)
tDOM(MAX) to tREC(MIN)
dt1S
dt2S
-21.88
-21.88
—
—
17.44
17.44
µs
LIN OUTPUT DRIVER FAST MODE
LIN Fast Slew Rate (Programming Mode)
Fast Slew Rate
dv/dt fast
—
15
—
V/
µs
LIN PIN
Overcurrent Shutdown Delay Time (7)
tOV-DELAY
—
10
—
µs
LIN RECEIVER CHARACTERISTICS
Receiver Dominant Propagation Delay Time (8)
LIN LOW to RXD LOW
tRL
—
3.5
6.0
µs
Receiver Recessive Propagation Delay Time (8)
LIN HIGH to RXD HIGH
tRH
—
3.5
6.0
µs
Receiver Propagation Delay Time Symmetry
tRL - tRH
tR-SYM
-2.0
—
2.0
µs
Notes
67.0 V
≤ V
SUP ≤ 18 V. Bus load R0 and C0: 1.0 nF / 1.0 kΩ, 6.8 nF / 660 Ω, 10 nF / 500 Ω.
7
This parameter is guaranteed by design; however, it is not production tested.
8
Measured between LIN signal threshold VLINL or VLINH and 50% of RXD signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com