Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33661 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33661
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VSUP PIN (DEVICE POWER SUPPLY)
Supply Voltage
Nominal DC
Functional DC, TA ≥ 25°C
VSUP
7.0
6.0
13.5
—
18.0
—
V
Supply Current in Sleep Mode
VSUP ≤ 13.5 V, Recessive State
13.5 V < VSUP < 18 V
VSUP ≤ 13.5 V, Dominant State or Shorted to GND
IS1
IS2
IS3
—
—
—
8.0
—
300
12
200
—
µA
Supply Current in Normal, Slow, or Fast Mode
Bus Recessive, Excluding INH Output Current
Bus Dominant, Total Bus Load >500
Ω, Excluding INH Output Current
IS(REC)
IS(DOM)
—
—
4.0
6.0
6.0
8.0
mA
RXD OUTPUT PIN (LOGIC)
Low-Level Output Voltage
IIN ≤ 1.5 mA
VOL
0
—
0.9
V
High-Level Output Voltage
VEN = 5.0 V, IOUT ≤ 250 µA
VEN = 3.3 V, IOUT ≤ 250 µA
VOH
4.25
3.0
—
—
5.25
3.5
V
TXD INPUT PIN (LOGIC)
Low-Level Input Voltage
VIL
—
—
1.2
V
High-Level Input Voltage
VIH
2.5
—
—
V
Input Threshold Voltage Hysteresis
VINHYST
100
300
800
mV
Pullup Current Source
VEN = 5.0 V, 1.0 V < VTXD < 3.5 V
IPU
-60
-35
-20
µA
EN INPUT PIN (LOGIC)
Low-Level Input Voltage
VIL
—
—
1.2
V
High-Level Input Voltage
VIH
2.5
—
—
V
Input Voltage Threshold Hysteresis
VINHYST
100
300
800
mV
Low-Level Input Current
VIN = 1.0 V
IIL
5.0
20
30
µA
High-Level Input Current
VIN = 4.0 V
IIH
—
20
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com