Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33661
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Normal Mode Bus Timing Characteristics
Figure 5. Slow Mode Bus Timing Characteristics
Figure 6. Test Circuit for Timing Measurements
TXD
RXD
LIN
VREC
tDOM(MIN)
Recessive State
tRL
tRH
tDOM(MAX)
tREC(MAX)
tREC(MIN)
40% VSUP
60% VSUP
58.1% VSUP
28.4% VSUP
74.4% VSUP
42.2% VSUP
Dominant State
VDOM
TXD
RXD
LIN
VREC
tDOM(MIN)
Recessive State
tRL
tRH
tDOM(MAX)
tREC(MAX)
tREC(MIN)
40% VSUP
60% VSUP
61.6% VSUP
25.1% VSUP
77.8% VSUP
38.9% VSUP
Dominant State
VDOM
LIN
GND
C0
R0
VSUP
V
SUP
Note R0 and C0: 1.0 kΩ/1.0 nF, 660 Ω/6.8 nF, and 500 Ω/10 nF.
TXD
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com