Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33661
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
The 33661 can be configured in several applications.
Figures 18 and 19 show master and slave node applications.
An additional pullup resistor of 1.0 k
Ω in series with a diode
must be added when the device is used in the master node.
Figure 18. Master Node Typical Application
Figure 19. Slave Node Typical Application
Control
Receiver
INH
Control
WAKE
EN
RXD
TXD
Slope
Control
GND
20
µA
INH
LIN
30 k
Ω
VSUP
33661
LIN Bus
1.0 k
Ω
Master Node
Pullup
*
* Optional
I/O
RXD
TXD
VPWR
MCU
VDD
12 V
5.0 V
Regulator
> 33 k
Ω
External
Switch
VDD
VDD
Control
Receiver
INH
Control
WAKE
EN
RXD
TXD
Slope
Control
GND
20
µA
INH
LIN
30 k
Ω
VSUP
33661
LIN Bus
VDD
*
* Optional
I/O
RXD
TXD
VPWR
MCU
> 33 k
Ω
External
Switch
VDD
INH
VDD
5.0 V
12 V
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com