Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33661
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SLEEP MODE AND WAKE-UP TIMINGS
EN Pin Wake-Up Time (9)
tLWUE
—
5.0
15
µs
WAKE Pin Filter Time (10)
tWF
10
—
70
µs
LIN Pin Wake-Up Filter Time (LIN Bus Wake-Up) (11)
tWUF
40
70
120
µs
Sleep Mode Delay Time (12)
EN HIGH-to-LOW
tSD
50
—
—
µs
Delay for INH Turning off When Device Enters in Sleep Mode(16), (17)
EN HIGH-to-LOW and INH HIGH-to-LOW
tSD_INH
—
—
50
µs
Delay Time Between EN and TXD for Mode Selection (13), (14)
tD_MS
5.0
—
—
µs
Delay Time Between First TXD after Device Mode Selection (13), (14)
tD_COM
50
—
—
µs
FAST BAUD RATE TIMING
Delay Entering Fast Baud Rate Using Toggle Function (15)
EN LOW to EN HIGH
t1
—
—
35
µs
Delay on EN Pin Resetting Fast Baud Rate to Previous Baud Rate (15)
EN LOW to EN HIGH
t2
—
—
5.0
µs
Notes
9
See Figures 7 and 8, 10.
10
See Figures 9 and 10, 10.
11
See Figures 11 and 12, 11.
12
See Figure 14a, 11.
13
See Figures 7 through 12, pp. 10–11.
14
This parameter is guaranteed by design; however, it is not production tested.
15
See Figure 13, 11.
16
No capacitor is connected to the INH pin. Measurement is done between the EN HIGH-to-LOW transition at 80% of INH voltage.
17
See Figure 14b, 11.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com