Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33661 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document Number: MC33661
Rev. 6.0, 11/2006
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Local Area Network (LIN)
Enhanced Physical Interface
with Selectable Slew Rate
Local Interconnect Network (LIN) is a serial communication protocol
designed to support automotive networks in conjunction with Controller
Area Network (CAN). As the lowest level of a hierarchical network, LIN
enables cost-effective communication with sensors and actuators
when all the features of CAN are not required.
The 33661 is a Physical Layer component dedicated to automotive
LIN sub-bus applications. It offers slew rate selection for optimized
operation at 10 kbps and 20 kbps, fast baud rate (above 100 kbps) for
test and programming modes, excellent radiated emission
performance, and safe behavior in the event of LIN bus short-to-ground
or LIN bus leakage during low-power mode.
The 33661 is compatible with LIN Protocol Specification 2.0.
Features
• Operational from VSUP 6.0 V to 18 V DC, Functional up to 27 V DC,
and Handles 40 V During Load Dump
• Active Bus Waveshaping Offering Excellent Radiated Emission
Performance
•5.0 kV ESD on LIN Bus Pin
•30 k
Ω Internal Pullup Resistor
• LIN Bus Short-to-Ground or High Leakage in Sleep Mode
•-18 V to +40 V DC Voltage at LIN Pin
•8.0
µA in Sleep Mode
• Local and Remote Wake-Up Capability Reported by INH and
RXD Pins
•5.0 V and 3.3 V Compatible Digital Inputs Without Any External
Components Required
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. 33661 Simplified Application Diagram
LIN PHYSICAL INTERFACE
33661
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33661D/R2
-40°C to 125°C
8 SOICN
MCZ33661EF/R2
D SUFFIX
EF SUFFIX (PB-FREE)
98ASB42564B
8-PIN SOICN
RXD
33661
MCU
TXD
EN
WAKE
LIN
INH
GND
VSUP
LIN Bus
VPWR
5.0
V
Regulator
12 V
VDD


Similar Part No. - 33661

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33661 MOTOROLA-33661 Datasheet
377Kb / 20P
LIN Enhanced Physical Interface
More results

Similar Description - 33661

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
Automotive Local Interconnect Network Physical Interface
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
LIN Enhanced Physical Interface
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
Local Interconnect Network (LIN) Physical Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
Texas Instruments
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com