Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33661
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 15. Operational and Transitional Modes State Diagram
ELECTROMAGNETIC COMPATIBILITY
RADIATED EMISSION IN NORMAL AND SLOW
MODES
The 33661 has been tested for radiated emission
performances. Figures 16 and 17 show the results in the
frequency range 100 kHz to 2.0 MHz. Test conditions are in
accordance with CISPR25 recommendations, bus length of
Table 5. Explanation of Operational and Transitional Modes State Diagram
Operational/
Transitional
LIN
INH
EN
TXD
RXD
Sleep Mode
Recessive state, driver off.
20
µA pullup current source.
LOW
LOW
X
High impedance. HIGH if external
pullup to VDD.
Awake
Recessive state, driver off.
30 k
Ω pullup active.
HIGH
LOW
X
LOW. If external pullup, HIGH-to-
LOW transition reports wake-up.
Normal Mode
Driver active. 30 k
Ω pullup active.
Slew rate normal (20 kbps).
HIGH
HIGH
HIGH to enter Normal mode.
Once in Normal mode: LOW to
drive LIN bus in dominant, HIGH
to drive LIN bus in recessive.
Report LIN bus level:
• Low LIN bus dominant
• High LIN bus recessive
Wait Slow
Recessive state. Driver off.
30 k
Ω pullup active.
HIGH
HIGH
LOW
HIGH
Slow
Driver active. 30 k
Ω pullup active.
Slew rate slow (10 kbps).
HIGH
HIGH
LOW to enter Slow mode. Once
in Slow mode: LOW to drive LIN
bus in dominant, HIGH to drive
LIN bus in recessive.
Report LIN bus level:
• Low LIN bus dominant
• High LIN bus recessive
Fast
Driver active. 30 k
Ω pullup active.
Slew rate fast (> 100 kbps).
HIGH
HIGH
LOW to drive LIN bus in
dominant, HIGH to drive LIN bus
in recessive.
Report LIN bus level:
• Low LIN bus dominant
• High LIN bus recessive
X = Don’t care.
Power-Up
Sleep
Awake
Wait Slow
Normal
Fast
TXD HIGH and EN LOW > t1 (35 µs)
TXD HIGH and EN LOW to
LIN Bus or WAKE Pin
TXD HIGH and EN LOW to HIGH
TXD LOW and EN LOW to HIGH
TXD LOW and EN
TXD HIGH and EN LOW > t1 (35 µs)
TXD HIGH
EN LOW for t2 < 5.0 µs, then HIGH
Wake-Up
LOW to HIGH
Toggle Function
EN LOW for t2 < 5.0 µs,
Toggle Function
then HIGH
EN LOW for t2 < 5.0 µs,
then HIGH
EN LOW for t2 < 5.0 µs,
then HIGH
Note Refer to Table 5 for explanation.
HIGH
(10 x)
Fast
(10 x)
1.0 to 20
kbps
Slow
1.0 to 10
kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com