Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33661
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LIN PIN (VOLTAGE EXPRESSED VERSUS VSUP VOLTAGE)
Low-Level Bus Voltage (Dominant State)
External Bus Pullup 500
Ω
VDOM
—
—
1.4
V
High-Level Bus Voltage (Recessive State)
TXD HIGH, IOUT = 1.0 µA
VREC
VSUP - 1.0
—
—
V
Internal Pullup Resistor to VSUP (Normal Mode)
RPU
20
30
47
k
Ω
Internal Pullup Current Source (Sleep Mode)
IPU
—
20
—
µA
Overcurrent Shutdown Threshold
IOV-CUR
50
75
150
mA
Leakage Current to GND
Recessive State, 8.0 V
≤ V
SUP ≤ 18 V, 8.0 V ≤ VLIN ≤ 18 V
GND Disconnected, VGND = VSUP, VLIN at -18 V
VSUP Disconnected, VLIN at +18 V
ILEAK
0
-1.0
—
3.0
—
1.0
20
1.0
10
µA
mA
µA
LIN Receiver, Low-Level Input Voltage
TXD HIGH, RXD LOW
VLINL
0 VSUP
—
0.4 VSUP
V
LIN Receiver, High-Level Input Voltage
TXD HIGH, RXD HIGH
VLINH
0.6 VSUP
—
VSUP
V
LIN Receiver Threshold Center
(VLINH - VLINL) / 2
VLINTH
0.475 VSUP 0.5 VSUP 0.525 VSUP
V
LIN Receiver Input Voltage Hysteresis
VLINH - VLINL
VLINHYST
—
—
0.175 VSUP
V
LIN Wake-Up Threshold Voltage
VLINWU
—
0.5 VSUP
—
V
INH OUTPUT PIN
Driver ON Resistance (Normal Mode)
INHON
—
35
70
Ω
Leakage Current (Sleep Mode)
0 V < VINH < VSUP
ILEAK
0
—
5.0
µA
WAKE INPUT PIN
Typical Wake-Up Threshold Voltage (EN = 0 V, 7.0 V
≤ V
SUP ≤ 18 V)
(5)
HIGH-to-LOW Transition
LOW-to-HIGH Transition
VWUTH
0.3 VSUP
0.4 VSUP
0.43 VSUP
0.55 VSUP
0.55 VSUP
0.65 VSUP
V
Wake-Up Threshold Voltage Hysteresis
VWUHYST
0.1 VSUP
0.16 VSUP
0.2 VSUP
V
WAKE Input Current
VWAKE < 27 V
IWU
—
1.0
5.0
µA
Notes
4
This parameter is guaranteed by design; however, it is not production tested.
5
When VSUP > 18 V, the wake-up voltage thresholds remain identical to the wake-up thresholds at 18 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com