Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33661
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33661 is a Physical Layer component dedicated to
automotive LIN sub-bus applications.
The 33661 features include slew rate selection for
optimized operation at 10 kbps and 20 kbps, fast baud rate
for test and programming modes, excellent radiated emission
performance, and safe behavior in case of LIN bus short-to-
ground or LIN bus leakage during low power mode.
Digital inputs are 5.0 V and 3.3 V compatible without any
external component required.
The INH output may be used to control an external voltage
regulator or to drive a LIN bus pullup resistor.
FUNCTIONAL PIN DESCRIPTION
POWER SUPPLY PIN (VSUP)
The VSUP supply pin is the power supply pin for the
33661. The pin is connected to a battery through a serial
diode for reverse battery protection. The DC operating
voltage is from 7.0 V to 27 V. This pin sustains standard
automotive voltage conditions such as 27 V DC during jump-
start conditions and 40 V during load dump. Supply current in
the Sleep mode is typically 8.0
µA.
GROUND PIN (GND)
In case of a ground disconnection at the module level, the
33661 does not have significant current consumption on the
LIN bus pin when in the recessive state. (Less than 100 µA is
sourced from LIN bus pin, which creates 100 mV drop
voltage from the 1.0 k
Ω LIN bus pullup resistor.)
LIN BUS PIN (LIN)
This I/O pin represents the single-wire bus transmitter and
receiver.
Transmitter Characteristics
The LIN driver is a low-side MOSFET with internal
overcurrent thermal shutdown. An internal pullup resistor with
a serial diode structure is integrated so no external pullup
components are required for the application in a slave node.
An additional pullup resistor of 1.0 k
Ω must be added when
the device is used in the master node.
Voltage can go from -18 V to 40 V without current other
than the pullup resistance. The LIN pin exhibits no reverse
current from the LIN bus line to VSUP, even in the event of
GND shift or VPWR disconnection.
The transmitter has two slew rate selections: 20 kbps
(normal slew rate) and 10 kbps (slow slew rate). The slow
slew rate can be used to improve radiated emissions.
Receiver Characteristics
The receiver thresholds are ratiometric with the device
supply pin.
DATA INPUT PIN (TXD)
The TXD input pin is the MCU interface to control the state
of the LIN output. When TXD is LOW, LIN output is LOW;
when TXD is HIGH, the LIN output transistor is turned OFF.
The threshold is 3.3 V and 5.0 V compatible. The baud rate
selection (normal or Slow mode) is done at device wake-up
by the state of the TXD pin prior to a HIGH level at the EN pin
(see Figures 7 through 12, pp. 10–11).
DATA OUTPUT PIN (RXD)
The RXD output pin is the MCU interface, which reports
the state of the LIN bus voltage. LIN HIGH (recessive) is
reported by a high voltage on RXD; LIN LOW (dominant) is
reported by a low voltage on RXD. The RXD output structure
is a CMOS-type push-pull output stage.
The low level is fixed. The high level is dependant on the
EN voltage. If EN is set at 3.3 V, RXD VOH is 3.3 V. If EN is
set at 5.0 V, RXD VOH is 5.0 V.
In the Sleep mode, RXD is high impedance. When a wake-
up event is recognized from WAKE pin or from the LIN bus
pin, RXD is pulled LOW to report the wake-up event. An
external pullup resistor may be needed.
ENABLE INPUT PIN (EN)
The EN input pin controls the operation mode of the
interface. If EN = 1, the interface is in Normal mode, with
transmission path from TXD to LIN and from LIN to RXD both
active. The threshold is 3.3 V and 5.0 V compatible. The high
level at EN defines the VOH at RXD. The Sleep mode is
entered by setting EN LOW while TXD is HIGH. Sleep mode
is active after the tSD filter time (see Figure 14, 11).
INHIBIT OUTPUT PIN (INH)
The INH output pin may have two main functions. It may
be used to control an external switchable voltage regulator
having an inhibit input. The high drive capability also allows it
to drive the bus external resistor in the master node
application. This is illustrated in Figures 18 and 19, 17.
In Sleep mode, INH is turned OFF. If a voltage regulator
inhibit input is connected to INH, the regulator will be
disabled. If the master node pullup resistor is connected to
INH, the pullup resistor will be disabled from the LIN bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com