Electronic Components Datasheet Search
  English  ▼

X  

33661 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33661
Description  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33661 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33661 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33661 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33661
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
1.5 meters, device loaded with 10 nF and 500
Ω bus
impedance.
Figure 16 displays the results when the device is set in the
Normal mode, optimized for baud rate up to 20 kbps.
Figure 17 displays the results when the device is set in the
Slow mode, optimized for baud rate up to 10 kbps. The level
of emissions is significantly reduced compared to the already
excellent level of the Normal mode.
Figure 16. Radiated Emission in Normal Mode
Figure 17. Radiated Emission in Slow Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com