Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
- 12 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
R/W
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
De-
fault
Value
(hex)
2Ch
R
Tach 3 LS Byte
7
6
5
4
3
2
1
0
00
2Dh
R
Tach 3 MS Byte
15
14
13
12
11
10
9
8
00
2Eh
R
Tach 4 LS Byte
7
6
5
4
3
2
1
0
00
2Fh
R
Tach 4 MS Byte
15
14
13
12
11
10
9
8
00
30h
R/W
Fan 1 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
31h
R/W
Fan 2 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
32h
R/W
Fan 3 Current
PWM Duty
7
6
5
4
3
2
1
0
FF
38h
R/W
Fan 1 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
39h
R/W
Fan 2 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
3Ah
R/W
Fan 3 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
3Eh
R
Company ID
7
6
5
4
3
2
1
0
61
3Fh
R
Version/
Stepping
VER3
VER2
VER1
VER0
STP3
STP2
STP1
STP0
69
40h
R/W
Ready/Lock/
Start/Override
RES
RES
RES
RES
OVRID
READY
LOCK
START
00
41h
R
Interrupt Status
Register 1
ERR
ZN3
ZN2
ZN1
5V
3.3V
VCCP
2.5V
00
42h
R
Interrupt Status
Register 2
ERR2
ERR1
FAN4
FAN3
FAN2
FAN1
RES
12V
00
43h
R
VID0-4
RES
RES
RES
VID4
VID3
VID2
VID1
VID0
00
44h
R/W
2.5V Low Limit
7
6
5
4
3
2
1
0
00
45h
R/W
2.5V High Limit
7
6
5
4
3
2
1
0
FF
46h
R/W
Vccp Low Limit
7
6
5
4
3
2
1
0
00
47h
R/W
Vccp High Limit
7
6
5
4
3
2
1
0
FF
48h
R/W
3.3V Low Limit
7
6
5
4
3
2
1
0
00
49h
R/W
3.3V High Limit
7
6
5
4
3
2
1
0
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com