Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
- 16 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Temperature Measurement Configuration
Registers 09h and 0Fh: Measurement Configuration
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
09h
R/W
Configuration
RES
Run/
Stop
RES
RES
RES
RES
RES
RES
00
0Fh
R/W
One shot
Measurement
RES
RES
RES
RES
RES
RES
RES
RES
00
A write to the One-shot Measurement register address 0Fh initiates a temperature measurement when aSC7611 is in Stop
mode (set by bit 6 of register 09h) and returns to that mode after all three temperature and five voltage measurements are
complete.
Bit
Name
R/W
Default
Description
0:5
Reserved
R/W
0
Reserved
6
Run/Stop
R/W
0
Measurement system run(default) or stop, places
aSC7611 in a low-power or standby mode.
7
Reserved
R/W
0
Reserved
Table 2 Configuration Register [09h] bits
Voltage Measurement and Limits
Register 20-24h: Voltage Reading
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
20h
R
2.5V
7
6
5
4
3
2
1
0
00
21h
R
VCCP
7
6
5
4
3
2
1
0
00
22h
R
3.3V
7
6
5
4
3
2
1
0
00
23h
R
5V
7
6
5
4
3
2
1
0
00
24h
R
12V
7
6
5
4
3
2
1
0
00
The Register Names define the typical input voltage at which the reading is ¾ full scale or C0h.
The Voltage Reading registers are updated automatically by the aSC7611 at a minimum frequency of 4Hz. These registers
are read only – a write to these registers has no effect.
Register 44-4Dh: Voltage Limit Registers
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
44h
R/W
2.5V Low Limit
7
6
5
4
3
2
1
0
00h
45h
R/W
2.5V High Limit
7
6
5
4
3
2
1
0
FFh
46h
R/W
VCCP Low Limit
7
6
5
4
3
2
1
0
00h
47h
R/W
VCCP High Limit
7
6
5
4
3
2
1
0
FFh
48h
R/W
3.3V Low Limit
7
6
5
4
3
2
1
0
00h
49h
R/W
3.3V High Limit
7
6
5
4
3
2
1
0
FFh
4Ah
R/W
5V Low Limit
7
6
5
4
3
2
1
0
00h
4Bh
R/W
5V High Limit
7
6
5
4
3
2
1
0
FFh
4Ch
R/W
12V Low Limit
7
6
5
4
3
2
1
0
00h
4Dh
R/W
12V High Limit
7
6
5
4
3
2
1
0
FFh
If a voltage input either exceeds the value set in the voltage high limit register or falls below the value set in the voltage low
limit register, the corresponding bit will be set automatically by the aSC7611 in the interrupt status registers (41-42h).
Voltages are presented in the registers at ¾ of full-scale for the nominal voltage, meaning that at nominal voltage, each input
will be C0h, as shown in Table 3. Note that 3.3V input is Vdd and is not allowed to go below 3.0V during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com