Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
- 22 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Automatic Fan Speed Control using Maximum PWM Setting
The previously described and illustrated mode had no restriction on the maximum PWM setting. It is useful to limit the
maximum PWM command sent to the fan in order to minimize the acoustic impact. The Maximum PWM setting will clamp
the automatic fan PWM command at a user selected value. The Absolute Limit setting will still cause the PWM command to
be 100% and that will remain until the temperature falls below the Absolute Limit temperature by an amount equal to the
hysteresis setting. This will minimize the acoustic impact of having a temperature moving back and forth close to the
Absolute Limit.
The Absolute Limit may be set above or below the Fan Temp Limit plus Range. The PWM value will be overridden and will
follow the hysteresis curve in either case, but the acoustic impact will be different, running the fan to 100% PWM at a lower
temperature, but enhancing the cooling effect. Absolute Limit set on the low end is shown in Figure 6. Setting it above is
shown in Figure 8.
It is important to consider the combination of Fan Temp Limit, Range, Maximum PWM and Absolute Limit and their impact
on cooling and acoustics. In addition, the capability to operate a fan from a combination of thermal zones allows a compound
linear slope to be achieved for further optimization.
Figure 7 Fan Control with Absolute Limit Set below Fan Temp Limit Plus Range
PWM set to Off
PWM 100%
Fan Temp Limit
less Hysteresis
Fan Temp
Limit
Hysteresis
(0
°C to 15 °C)
Range
(2
°C to 80 °C)
Fan Temp Limit
plus Range
Absolute
Limit
PW
M D
uty
Cyc
le l
ine
arly
Inc
rea
sin
g w
ith
Tem
p
PW
M D
uty
Cyc
le li
nea
rly
Dec
rea
sing
with
Tem
p
Fan Set to Off
Temperature
Fan
Speed
Linear Control Range
Fan Set to
Minimum
Hysteresis
(0
°C to 15 °C)
Maximum
PWM %
PWM set to Off
PWM 100%
Fan Temp Limit
less Hysteresis
Fan Temp
Limit
Hysteresis
(0
°C to 15 °C)
Range
(2
°C to 80 °C)
Fan Temp Limit
plus Range
Absolute
Limit
PW
M D
uty
Cyc
le l
ine
arly
Inc
rea
sin
g w
ith
Tem
p
PW
M D
uty
Cyc
le li
nea
rly
Dec
rea
sing
with
Tem
p
Fan Set to Off
Temperature
Fan
Speed
Linear Control Range
Fan Set to
Minimum
Hysteresis
(0
°C to 15 °C)
Maximum
PWM %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com