Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
- 14 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
R/W
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
De-
fault
Value
(hex)
60h
R/W
Zone 2 Range/
Fan 2
Frequency
RAN3
RAN2
RAN1
RAN0
HLFRQ
FRQ2
FRQ1
FRQ0
C3
X
61h
R/W
Zone 3 Range/
Fan 3
Frequency
RAN3
RAN2
RAN1
RAN0
HLFRQ
FRQ2
FRQ1
FRQ0
C3
X
62h
R/W
Min/Off, Zone 1
Spike
Smoothing
OFF3
OFF2
OFF1
RES
ZN1E
ZN1-2
ZN1-1
ZN1-0
00
X
63h
R/W
Zone2 / Zone 3
Spike
Smoothing
ZN2E
ZN2-2
ZN2-1
ZN2-0
ZN3E
ZN3-2
ZN3-1
ZN3-0
00
X
64h
R/W
Fan 1 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
65h
R/W
Fan 2 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
66h
R/W
Fan 3 PWM
Minimum
7
6
5
4
3
2
1
0
80
X
67h
R/W
Zone 1 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
68h
R/W
Zone 2 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
69h
R/W
Zone 3 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
6Ah
R/W
Zone 1 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Bh
R/W
Zone 2 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Ch
R/W
Zone 3 Temp
Absolute Limit
7
6
5
4
3
2
1
0
64
X
6Dh
R/W
Zone 1, Zone 2
Hysteresis
H1-3
H1-2
H1-1
H1-0
H2-3
H2-2
H2-1
H2-0
44
X
6Eh
R/W
Zone 3
Hysteresis
H3-3
H3-2
H3-1
H3-0
RES
RES
RES
RES
40
X
6Fh
R/W
XOR Tree
Enable
RES
RES
RES
RES
RES
RES
RES
XEN
00
X
75h
R/W
Fan Spin-up
Mode
Tach4
Disable
Tach3/4
Disable
Tach2
Disable
Tach1
Disable
RES
PWM3SU
PWM2SU
PWM1SU
00
X
Note: Reserved bits will always return 0 when read, X-bits in readings may be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com