Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
- 31 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Register 38-3Ah: Maximum PWM Duty Cycle
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
38h
R/W
Fan 1 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
39h
R/W
Fan 2 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
3Ah
R/W
Fan 3 Max Duty
Cycle
7
6
5
4
3
2
1
0
FF
The Maximum PWM Duty registers store the maximum duty cycle that may be commanded at each PWM output under
automatic fan control. This value is overridden to 100% when the assigned zone’s temperature has exceeded the Absolute
Maximum Temperature setting. When temperature falls below Absolute Maximum, PWM command will resume the linear
ramp only after it has fallen by the Thermal Zone Hysteresis value (Registers 6D-6Eh). Values follow the representation in
Table 10.
Register 67-69h: Temperature Limit
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Lock
67h
R/W
Zone1 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
68h
R/W
Zone2 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
69h
R/W
Zone 3 Fan
Temp Limit
7
6
5
4
3
2
1
0
5A
X
These are the temperature limits for the individual zones. When the current temperature equals this limit, the fan will be
turned on if it is not already. When the temperature exceeds this limit, the fan speed will be increased according to the
algorithm set forth in the Auto Fan Range, PWM Frequency register description, Default = 90
°C = 5Ah
This register becomes read-only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write to
this register shall have no effect.
Temperature
Fan Temp Limit
(2’s Complement)
>127°C
0111
1111
+127°C
0111
1111
+125°C
0111
1101
+90°C (default)
0101
1010
+50°C
0011
0010
+25°C
0001
1001
0°C
0000
0000
-50°C
1100
1110
-127°C
1000
0001
Table 17 Fan Temperature Limit Register -
8-Bit Two’s Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com