Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
- 18 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Register 42h: Interrupt Status Register 2
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
42h
R
Interrupt Status 2
ERR2
ERR1
FAN4
FAN3
FAN2
FAN1
RES
12V
00
The Interrupt Status Register 2 bits will be automatically set, by the aSC7611, whenever a fault condition is detected.
Interrupt Status Register 2 identifies faults caused by temperature sensor error, fan speed dropping below minimum set by
the tachometer minimum register. Interrupt Status Register 2 will hold a set bit until the event is read by software. The
contents of this register will be cleared (set to 0) automatically by the aSC7611 after it is read by software, if fault condition
no longer exists. Once set, the Interrupt Status Register 2 bits will remain set until a read event occurs, even if the fault no
longer exists. This register is read-only – a write to this register has no effect.
Bit
Name
R/W
Default
Description
0
12V Limits
Exceeded
R
0
The aSC7611 automatically sets this bit to 1 when the 12V input voltage is
less than or equal to the limit set in the 12V Low Limit register or greater than
the limit set in the 12V High Limit register.
1
RES
R
0
Reserved
2
FAN 1
STALLED
R
0
The aSC7611 automatically sets this bit to 1 when the TACH 1 input reading is
above the count value set in the Tach 1 Minimum MSB and LSB registers.
3
FAN 2
STALLED
R
0
The aSC7611 automatically sets this bit to 1 when the TACH 2 input reading is
above the count value set in the Tach 2 Minimum MSB and LSB registers.
4
FAN 3
STALLED
R
0
The aSC7611 automatically sets this bit to 1 when the TACH 3 input reading is
above the count value set in the Tach 3 Minimum MSB and LSB registers.
5
FAN 4
STALLED
R
0
The aSC7611 automatically sets this bit to 1 when the TACH 4 input reading is
above the count value set in the Tach 4 Minimum MSB and LSB registers.
6
Remote Diode
1 Fault
R
0
The aSC7611 automatically sets this bit to 1 when there is an open circuit fault
on the Remote1+ or Remote1- thermal diode input pins. A diode fault will also
set bit 4 Zone 1 Limit bit, of Interrupt Status Register 1.
7
Remote Diode
2 Fault
R
0
The aSC7611 automatically sets this bit to 1 when there is an open circuit fault
on the Remote2+ or Remote2- thermal diode input pins. A diode fault will also
set bit 6 Zone 3 Limit bit, of Interrupt Status Register 1.
Table 5 Interrupt Status Register 2
Register 43h: VID Register
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
43h
R
VID0-4
RES
RES
RES
VID4
VID3
VID2
VID1
VID0
00
The VID register contains the values of aSC7611 VID0–VID4 input pins. This register indicates the status of the VID lines
that interconnect the processor to the Voltage Regulator Module (VRM). Software uses the information in this register to
determine the voltage that the processor is designed to operate at. With this information, software can then dynamically
determine the correct values to place in the VCCP Low Limit and VCCP High Limit registers. This register is read-only – a
write to this register has no effect.
Tachometer Measurement and Configuration
Register 28-2Fh: Fan Tachometer Reading
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
28h
29h
R
R
Tach 1 LS Byte
Tach 1 MS Byte
7
15
6
14
5
13
4
12
3
11
2
10
1
9
0
8
N/A
N/A
2Ah
2Bh
R
R
Tach 2 LS Byte
Tach 2 MS Byte
7
15
6
14
5
13
4
12
3
11
2
10
1
9
0
8
N/A
N/A
2Ch
R
Tach 3 LS Byte
7
6
5
4
3
2
1
0
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com