Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
- 20 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Register 04-07h: Fan Tachometer Measurement Configuration
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
04h
R/W
Tach 1
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank 1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration
1
Meas
Duration
0
36
05h
R/W
Tach 2
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank 1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration
1
Meas
Duration
0
36
06h
R/W
Tach 3
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank 1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration
1
Meas
Duration
0
36
07h
R/W
Tach 4
Configuration
3-Wire
Enable1
3-Wire
Enable0
Meas
Blank 1
Meas
Blank 0
Meas
Dwell 1
Meas
Dwell 0
Meas
Duration
1
Meas
Duration
0
36
The Fan Tachometer Configuration registers contain the settings that define the modes of measurement of the Tachometer
input signals. The user is allowed to disable a tachometer measurement or to request PWM stretching, in the case of a 3-
wire fan. Also, the rate, start-up and period of measurements within a fan rotation cycle may be selected. The table below
describes the controls.
Bit
Name
R/W
Default
Description
1:0
Measurement
Duration
R/W
10
The amount of fan rotation used for the tach measurement.
Assumes 2 pulse periods per rotation of fan.
00: ¼ Rotation – Tach Count x4 = Reported Valu
01: ½ Rotation – Tach Count x2 = Reported Value
10: 1 Rotation – Tach Count x1 = Reported Value (default)
11: 2 Rotation – Tach Count x1 = Reported Value
3:2
Measurement
Dwell
R/W
01
Delay between Tach Measurements
00: 100 ms
01: 300 ms (default)
10: 500 ms
11: 728 ms
5:4
Measurement
Blank
R/W
11
In 3-wire fan mode, a delay is needed to assure that the tach
input has stabilized after the PWM has been set to 100%
00: 11.1 µs
01: 22.2 µs
10: 33.3 µs
11: 44.4 µs (default)
7:6
3-Wire Enable
R/W
00
For 3-Wire mode, the PWM output will be forced to 100% when
the tach measurement is being processed. Each fan has a 3-
Wire Mode control that will behave as indicated in this table:
HLFRQ
(5Fh-61h)
3-Wire Enable (7:6)
3-Wire
Mode
0
0
0
Enabled
0
0
1
Enabled
0
1
0
Enabled
0
1
1
Disabled
1
0
0
Disabled
1
0
1
Disabled
1
1
0
Enabled
1
1
1
Disabled
Table 6 Tachometer Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com