Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 26Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
- 25 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
HLFRQ
FRQ [2:0]
PWM
Frequency
0
000
~10 Hz
0
001
~15 Hz
0
010
~23 Hz
0
011
~30 Hz (Default)
0
100
~38 Hz
0
101
~47 Hz
0
110
~62 Hz
0
111
~94 Hz
1
000
~23 kHz
1
001
~24 kHz
1
010
~25 kHz
1
011
~26 kHz
1
100
~27 kHz
1
101
~28 kHz
1
110
~29 kHz
1
111
~30 kHz
Table 7 Register Setting vs PWM Frequency
RAN[3:0]
Linear Control
Range (
°C)
0000
2
0001
2.5
0010
3.33
0011
4
0100
5
0101
6.67
0110
8
0111
10
1000
13.33
1001
16
1010
20
1011
26.67
1100
32 (default)
1101
40
1110
53.33
1111
80
Table 8 Zone Range Setting, RAN[3:0]
This register becomes Read-Only when the Ready/Lock/Start/Override register Lock bit is set. Any further attempts to write
to this register shall have no effect. After power up the default value is used for bits 3:0 of registers 5F-61h whenever the
Ready/Lock/Start/Override register Start bit is cleared even though modifications to this register are possible.
Register 40h: Ready/Lock/Start/Override
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
40h
R/W
Ready/Lock/Start/
Override
RES
RES
RES
RES
OVRID
READY
LOCK
START
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com