Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
- 36 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Series Resistance
Any external series resistance in the connections from
the aSC7611 to the CPU pins should be accounted for in
interpreting the results of a measurement.
The impact of series resistance on the measured
temperature is a result of measurement currents
developing offset voltages that add to the diode voltage.
This is relatively constant with temperature and may be
corrected with a fixed value in the offset register. To
determine the temperature impact of resistance is as
follows:
ΔT
R = RS ×ΔI D /TV
or ,
ΔT
R = RS ×
90
μA
230
μV/ °C
= R
S × 0.391°C/ Ω
where:
ΔT
R = difference in the temperature reading from actual.
S
R = total series resistance of interconnect (both leads).
ΔI
D = difference in the two diode current levels (90µA).
V
T = scale of temperature vs. VBE (230µV/°C).
For example, a total series resistance of 10Ω would give
an offset of +3.9°C.
Discrete Remote Diodes
When sensing temperatures other than the CPU or GPU
substrate, an NPN or PNP transistor may be used. Most
commonly used are the 2N3904 and 2N3906. These
have characteristics similar to the CPU substrate diode
with non-ideality around 1.0046. They are connected with
base to collector shorted as shown in Figure 12.
While it is important to minimize the distance to the
remote diode to reduce high-frequency noise pickup, they
may be located many feet away with proper shielding.
Shielded, twisted-pair cable is recommended, with the
shield connected only at the aSC7611 end as close as
possible to the ground pin of the device.
As with the CPU substrate diode, the temperature
reported will be subject to the same errors due to non-
ideality variation and series resistance. However, the
transistor’s die temperature is usually not the temperature
of interest and care must be taken to minimize the
thermal resistance and physical distance between that
temperature and the remote diode. The offset and
response time will need to be characterized by the user.
Board Layout Considerations
The distance between the remote sensor and the
aSC7611 should be minimized. All wiring should be
defended from high frequency noise sources and a
balanced differential layout maintained on Remote + and
Remote -.
Any noise, both common-mode and differential, induced
in the remote diode interconnect may result in an offset in
the temperature reported. Circuit board layout should
follow the recommendation of Figure 13. Basically, use
10-mil lines and spaces with grounds on each side of the
differential pair. Choose the ground plane closest to the
CPU when using the CPU’s remote diode.
Noise filtering is accomplished by using a bypass
capacitor placed as close as possible to the two pairs of
aSC7611 Remote + and Remote - pins. A 1.0nF ceramic
capacitor is recommended, but up to 3.3nF may be used.
Additional filtering takes place within the aSC7611.
It is recommended that the following guidelines be used
to minimize noise and achieve highest accuracy:
1.
Place a 0.1µF bypass capacitor to digital ground
as close as possible to the power pin of the
aSC7611.
2.
Match the trace routing of the Remote + and
Remote - leads and use a 1.0nF filter capacitor
close to the aSC7611. Use ground runs along side
the pair to minimize differential coupling as in
Figure 13.
3.
Place the aSC7611 as close to the CPU or GPU
remote diode leads as possible to minimize noise
and series resistance.
4.
Avoid running diode connections close to or in
parallel with high-speed busses or 12V, staying at
least 2cm away.
5.
Avoid running diode connections close to on-board
switching power supply inductors.
10 mil
Line
Remote +
10 mil
Space
Remote -
GND
GND
Remote -
2N3906
Remote +
aSC7611
Remote -
2N3904
Remote +
aSC7611
Figure 12 Discrete Remote Diode Connection
Figure 13 Recommended Remote Diode
Circuit Board Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com