Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
- 38 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Figure 14 Application Diagram
REMOTE 1+
REMOTE 1-
CPU
Substrate
REMOTE 2 -
REMOTE 2 +
VCCP
2.5V
5V
12V
3.3V
GND
VID0
VID1
VID2
VID3
VID4
SMBDAT
SMBCLK
TACH 1
PWM 1
TACH 2
PWM 2
TACH 3
PWM 3
TACH 4
CPU
Voltage
IDs
SMBus
1nF
1nF
0.1µF 100pF
2N3904
12V
10K
Ω
15K
Ω
7.5K
Ω
0.01µF
12V
10K
Ω
15K
Ω
7.5K
Ω
0.01µF
12V
10K
Ω
15K
Ω
7.5K
Ω
0.01µF
12V
10K
Ω
15K
Ω
7.5K
Ω
0.01µF
aSC7611
VCCP
2.5V
5V
12V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com