Electronic Components Datasheet Search
  English  ▼

X  

ASC7611 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ASC7611
Description  HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASC7611 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ASC7611 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASC7611 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
- 19 -
© Andigilog, Inc. 2006
www.andigilog.com
October 2006 - 70A05007
aSC7611
Register
Address
Read/
Write
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
2Dh
R
Tach 3 MS Byte
15
14
13
12
11
10
9
8
N/A
2Eh
2Fh
R
R
Tach 4 LS Byte
Tach 4 MS Byte
7
15
6
14
5
13
4
12
3
11
2
10
1
9
0
8
N/A
N/A
The Fan Tachometer Reading registers contains the number of 11.111
μs periods (90 kHz) between full fan revolutions. The
results are based on the time interval of two tachometer pulses, since most fans produce two tachometer pulses per full
revolution. These registers will be updated at least once every second. Common interpretation of tachometer readings is to
take the binary period measurement and convert it to RPM. This may be done by applying the formula:
RPM = (90,000 x 60)/(Decimal Equivalent of binary Tach Reading)
The value, for each fan, is represented by a 16-bit unsigned number.
The Fan Tachometer Reading registers will always return an accurate fan tachometer measurement, even when a fan is
disabled or non-functional, however, if PWM commands for a fan (register 30h to 32h) is zero, tach measurements are
suspended and the last reading may remain in the register.
FF FFh indicates that the fan is not spinning, or that the tachometer input is not connected to a valid signal. This value may
be FF FEh or FF FCh if Measurement Duration, bits 1:0 of register 3A-3Dh are set to 01 or 00, respectively. These registers
are read-only – a write to these registers has no effect.
When the LSByte of the aSC7611 16-bit register is read, the other byte (MSByte) is latched at the current value until it is
read. At the end of the MSByte read the Fan Tachometer Reading registers are updated. During spin-up, the PWM duty
cycle reported is 0%.
Registers 54-5Bh: Fan Tachometer Limits
Register
Address
Read/
Write
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
54h
R/W
Tach 1 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
55h
R/W
Tach 1 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
56h
R/W
Tach 2 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
57h
R/W
Tach 2 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
58h
R/W
Tach 3 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
59h
R/W
Tach 3 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
5Ah
R/W
Tach 4 Minimum
LS Byte
7
6
5
4
3
2
1
0
FF
5Bh
R/W
Tach 4 Minimum
MS Byte
15
14
13
12
11
10
9
8
FF
The Fan Tachometer Low Limit registers indicate the tachometer reading under which the corresponding bit will be set in the
Interrupt Status Register 2 register. In Auto Fan Control mode, the fan can run at low speeds, so care should be taken in
software to ensure that the limit is high enough not to cause sporadic alerts. The fan tachometer will not cause a bit to be
set in Interrupt Status Register 2 if the current value in Current PWM Duty registers (30h to 32h) is 00h or if the fan is
disabled via the Fan Configuration Register. Interrupts will not be generated for a fan if its minimum is set to FF FFh except
for timeout. Setting the Ready/Lock/Start/Override register Lock bit has no effect on these registers.
Given the relative insignificance of Bit 0 and Bit 1, these bits could be programmed to designate the physical location of the
fan generating the tachometer signal, as follows:
Register Name
Bit 1
Bit 0 (LSB)
CPU Cooler
0
0
Memory Controller
0
1
Chassis Front
1
0
Chassis Rear
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com