Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 14Page - Exar Corporation XRT83SL314IB Datasheet HTML 15Page - Exar Corporation XRT83SL314IB Datasheet HTML 16Page - Exar Corporation XRT83SL314IB Datasheet HTML 17Page - Exar Corporation XRT83SL314IB Datasheet HTML 18Page - Exar Corporation XRT83SL314IB Datasheet HTML 19Page - Exar Corporation XRT83SL314IB Datasheet HTML 20Page - Exar Corporation XRT83SL314IB Datasheet HTML 21Page - Exar Corporation XRT83SL314IB Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
15
FIGURE 2. SIMPLIFIED BLOCK DIAGRAM OF THE CLOCK SYNTHESIZER
1.1
ALL T1/E1 Mode
To reduce system noise and power consumption, the XRT83SL314 offers an ALL T1/E1 mode. Since most
line card designs are configured to operate in T1 or E1 only, the LIU can be selected to shut off the timing
references for the mode not being used by programming the appropriate global register. By default the ALL
T1/E1 mode is enabled (ALLT1/E1 bit = "0"). If the LIU is configured for T1, all E1 clock references and the
8kHz reference are shut off internally to the chip. This reduces the amount of internal clocks switching within
the LIU, hence reducing noise and power consumption. In E1 mode, the T1 clock references are internally
shut off, however the 8kHz reference is available. To disable this feature, the ALLT1/E1 bit must be set to a "1"
in the appropriate global register.
2.0
RECEIVE PATH LINE INTERFACE
The receive path of the XRT83SL314 LIU consists of 14 independent T1/E1/J1 receivers.
The following
section describes the complete receive path from RTIP/RRING inputs to RCLK/RPOS/RNEG outputs.
A
simplified block diagram of the receive path is shown in Figure 3.
FIGURE 3. SIMPLIFIED BLOCK DIAGRAM OF THE RECEIVE PATH
Clock
Synthesizer
Internal
Reference
1.544MHz
2.048MHz
Input Clock
8kHz
1.544Mhz
2.048MHz
2.048/4.096/8.192/16.384 MHz
1.544/3.088/6.176/12.352MHz
8kHzOUT
MCLKE1out
MCLKT1out
MCLKT1Nout
MCLKE1Nout
Programmable
Programmable
HDB3/B8ZS
Decoder
Rx Jitter
Attenuator
Clock & Data
Recovery
Peak Detector
& Slicer
Rx Equalizer
Rx Equalizer
Control
RTIP
RRING
RCLK
RNEG
RPOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com