Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 33Page - Exar Corporation XRT83SL314IB Datasheet HTML 34Page - Exar Corporation XRT83SL314IB Datasheet HTML 35Page - Exar Corporation XRT83SL314IB Datasheet HTML 36Page - Exar Corporation XRT83SL314IB Datasheet HTML 37Page - Exar Corporation XRT83SL314IB Datasheet HTML 38Page - Exar Corporation XRT83SL314IB Datasheet HTML 39Page - Exar Corporation XRT83SL314IB Datasheet HTML 40Page - Exar Corporation XRT83SL314IB Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
34
3.4
Power Failure Protection
For 1:1 or 1+1 line card redundancy in T1/E1 applications, power failure could cause a line card to change the
characteristics of the line impedance, causing a degradation in system performance. The XRT83SL314 was
designed to ensure reliability during power failures. The LIU has patented high impedance circuits that allow
the receiver inputs and the transmitter outputs to be in "High" impedance when the LIU experiences a power
failure or when the LIU is powered off.
NOTE: For power failure protection, a transformer must be used to couple to the line interface. See the TAN-56 application
note for more details.
3.5
Overvoltage and Overcurrent Protection
Physical layer devices such as LIUs that interface to telecommunications lines are exposed to overvoltage
transients posed by environmental threats. An Overvoltage transient is a pulse of energy concentrated over a
small period of time, usually under a few milliseconds. These pulses are random and exceed the operating
conditions of CMOS transceiver ICs. Electronic equipment connecting to data lines are susceptible to many
forms of overvoltage transients such as lightning, AC power faults and electrostatic discharge (ESD). There
are three important standards when designing a telecommunications system to withstand overvoltage
transients.
• UL1950 and FCC Part 68
• Telcordia (Bellcore) GR-1089
• ITU-T K.20, K.21 and K.41
NOTE:
For a reference design and performance, see the TAN-54 application note for more details.
3.6
Non-Intrusive Monitoring
In non-intrusive monitoring applications, the transmitters are shut off by setting TxON "Low". The receivers
must be actively receiving data without interfering with the line impedance.
The XRT83SL314’s internal
termination ensures that the line termination meets T1/E1 specifications for 75
Ω, 100Ω or 120Ω while
monitoring the data stream. System integrity is maintained by placing the non-intrusive receiver in "High"
impedance, equivalent to that of a 1+1 redundancy application. A simplified block diagram of non-intrusive
monitoring is shown in Figure 28.
FIGURE 28. SIMPLIFIED BLOCK DIAGRAM OF A NON-INTRUSIVE MONITORING APPLICATION
Line Card Transceiver
Non-Intrusive Receiver
Node
XRT83SL314
XRT83SL314
Data Traffic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com