Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 23Page - Exar Corporation XRT83SL314IB Datasheet HTML 24Page - Exar Corporation XRT83SL314IB Datasheet HTML 25Page - Exar Corporation XRT83SL314IB Datasheet HTML 26Page - Exar Corporation XRT83SL314IB Datasheet HTML 27Page - Exar Corporation XRT83SL314IB Datasheet HTML 28Page - Exar Corporation XRT83SL314IB Datasheet HTML 29Page - Exar Corporation XRT83SL314IB Datasheet HTML 30Page - Exar Corporation XRT83SL314IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
24
2.6.3.4
NLCD (Network Loop Code Detection)
The Network Loop Code Detection can be programmed to detect a Loop-Up, Loop-Down, or Automatic Loop
Code.
If the network loop code detection is programmed for Loop-Up, the NLCD will be set "High" if a
repeating pattern of "00001" occurs for more than 5 seconds.
If the network loop code detection is
programmed for Loop-Down, the NLCD will be set "High" if a repeating pattern of "001" occurs for more than 5
seconds. If the network loop code detection is programmed for automatic loop code, the LIU is configured to
detect a Loop-Up code.
If a Loop-Up code is detected for more than 5 seconds, the XRT83SL314 will
automatically program the channel into a remote loopback mode. The LIU will remain in remote loopback even
if the Loop-Up code disappears. The channel will continue in remote loop back until a Loop-Down code is
detected for more than 5 seconds (or, if the automatic loop code is disabled) and then automatically return to
normal operation with no loop back. The process of the automatic loop code detection is shown in Figure 15.
FIGURE 15. PROCESS BLOCK FOR AUTOMATIC LOOP CODE DETECTION
Automatic Remote
Loopback
Loop-Up
Code for
5 sec?
Yes
No
Loop-Down
Code for
5 sec?
No
Yes
Disable Remote
Loopback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com