Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 28Page - Exar Corporation XRT83SL314IB Datasheet HTML 29Page - Exar Corporation XRT83SL314IB Datasheet HTML 30Page - Exar Corporation XRT83SL314IB Datasheet HTML 31Page - Exar Corporation XRT83SL314IB Datasheet HTML 32Page - Exar Corporation XRT83SL314IB Datasheet HTML 33Page - Exar Corporation XRT83SL314IB Datasheet HTML 34Page - Exar Corporation XRT83SL314IB Datasheet HTML 35Page - Exar Corporation XRT83SL314IB Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
29
3.2
84-Channel T1/E1 Multiplexer/Mapper Applications
The XRT83SL314 has the capability of providing the necessary chip selects for multiple 14-channel LIU
devices.
The LIU is responsible for selecting itself, up to 5 additional LIU devices, or all 6 devices
simultaneously for permitting access to internal registers.
The state of the chip select output pins is
determined by a chip select decoder controlled by the 3 MSBs of the address bus ADDR[10:8]. Only one LIU
(Master) requires the ADDR[10:8].
The other 5 LIU devices use the 8 LSBs for the direct address bus
ADDR[7:0]. Figure 23 is a simplified block diagram of connecting six 14-channel LIU devices for 84-channel
applications. Selection of the chip select outputs using ADDR[10:8] is shown in Table 7.
FIGURE 23. SIMPLIFIED BLOCK DIAGRAM OF AN 84-CHANNEL APPLICATION
TABLE 7: CHIP SELECT ASSIGNMENTS
ADDR[10:8]
ACTIVE CHIP SELECT
0h (000)
Current Device (Master)
1h (001)
Chip 1
2h (010)
Chip 2
3h (011)
Chip 3
4h (100)
Chip 4
5h (101)
Chip 5
6h (110)
Reserved
7h (111)
All Devices Active
Chip Address A[10:8]
Address A[7:0]
Data [7:0]
CS[4:0]
CS
CS
CS
CS
CS
1
23
4
5
6
Master
Slave
Slave
Slave
Slave
Slave
XRT83SL314
XRT83SL314
XRT83SL314
XRT83SL314
XRT83SL314
XRT83SL314



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com