Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 35 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 35 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 31Page - Exar Corporation XRT83SL314IB Datasheet HTML 32Page - Exar Corporation XRT83SL314IB Datasheet HTML 33Page - Exar Corporation XRT83SL314IB Datasheet HTML 34Page - Exar Corporation XRT83SL314IB Datasheet HTML 35Page - Exar Corporation XRT83SL314IB Datasheet HTML 36Page - Exar Corporation XRT83SL314IB Datasheet HTML 37Page - Exar Corporation XRT83SL314IB Datasheet HTML 38Page - Exar Corporation XRT83SL314IB Datasheet HTML 39Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
32
3.3.5
Transmit Interface with N+1 Redundancy
For N+1 redundancy, the transmitters on all cards should be programmed for internal impedance.
The
transmitters on the backup card do not have to be tri-stated. To swap the primary card, close the desired
relays, and tri-state the transmitters on the failed primary card. A 0.68uF capacitor is used in series with TTIP
for blocking DC bias.
See Figure 26 for a simplified block diagram of the transmit section for an N+1
redundancy scheme.
FIGURE 26. SIMPLIFIED BLOCK DIAGRAM OF THE TRANSMIT INTERFACE FOR N+1 REDUNDANCY
Backplane Interface
Primary Card
XRT83SL314
Tx
Line Interface Card
0.68uF
T1/E1 Line
0.68uF
Primary Card
Tx
0.68uF
Primary Card
Tx
0.68uF
Backup Card
Tx
T1/E1 Line
T1/E1 Line
Internal
Impedence
1:2
1:2
1:2
XRT83SL314
XRT83SL314
XRT83SL314
Internal
Impedence
Internal
Impedence
Internal
Impedence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com