Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 64 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 64 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 60Page - Exar Corporation XRT83SL314IB Datasheet HTML 61Page - Exar Corporation XRT83SL314IB Datasheet HTML 62Page - Exar Corporation XRT83SL314IB Datasheet HTML 63Page - Exar Corporation XRT83SL314IB Datasheet HTML 64Page - Exar Corporation XRT83SL314IB Datasheet HTML 65Page - Exar Corporation XRT83SL314IB Datasheet HTML 66Page - Exar Corporation XRT83SL314IB Datasheet HTML 67Page - Exar Corporation XRT83SL314IB Datasheet HTML 68Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
61
TABLE 34: MICROPROCESSOR REGISTER 0X09H BIT DESCRIPTION
CHANNEL 0-13 (0X09H-0XD9H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
0
D[6:0]
2SEG[6:0]
Segment Number Two, Same Description as Register 0x08h
R/W
TABLE 35: MICROPROCESSOR REGISTER 0X0AH BIT DESCRIPTION
CHANNEL 0-13 (0X0AH-0XDAH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
0
D[6:0]
3SEG[6:0]
Segment Number Three, Same Description as Register 0x08h
R/W
TABLE 36: MICROPROCESSOR REGISTER 0X0BH BIT DESCRIPTION
CHANNEL 0-13 (0X0BH-0XDBH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
0
D[6:0]
4SEG[6:0]
Segment Number Four, Same Description as Register 0x08h
R/W
TABLE 37: MICROPROCESSOR REGISTER 0X0CH BIT DESCRIPTION
CHANNEL 0-13 (0X0CH-0XDCH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
0
D[6:0]
5SEG[6:0]
Segment Number Five, Same Description as Register 0x08h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com