Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 40 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 40 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 36Page - Exar Corporation XRT83SL314IB Datasheet HTML 37Page - Exar Corporation XRT83SL314IB Datasheet HTML 38Page - Exar Corporation XRT83SL314IB Datasheet HTML 39Page - Exar Corporation XRT83SL314IB Datasheet HTML 40Page - Exar Corporation XRT83SL314IB Datasheet HTML 41Page - Exar Corporation XRT83SL314IB Datasheet HTML 42Page - Exar Corporation XRT83SL314IB Datasheet HTML 43Page - Exar Corporation XRT83SL314IB Datasheet HTML 44Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
37
4.3
Transmit Jitter Attenuator
The XRT83SL314 LIU is ideal for multiplexer or mapper applications where the network data crosses multiple
timing domains. As the higher data rates are de-multiplexed down to T1 or E1 data, stuffing bits are typically
removed which can leave gaps in the incoming data stream.
The transmit path has a dedicated jitter
attenuator with a 32-Bit or 64-Bit FIFO that is used to smooth the gapped clock into a steady T1 or E1 output.
The maximum gap width of the 14-Channel LIU is shown in Table 11.
NOTE: If the LIU is used in a loop timing system, the receive path has a dedicated jitter attenuator. See the Receive
Section of this datasheet.
4.4
TAOS (Transmit All Ones)
The XRT83SL314 has the ability to transmit all ones on a per channel basis by programming the appropriate
channel register. This function takes priority over the digital data present on the TPOS/TNEG inputs. For
example: If a fixed "0011" pattern is present on TPOS in single rail mode and TAOS is enabled, the transmitter
will output all ones. In addition, if digital or dual loopback is selected, the data on the RPOS output will be
equal to the data on the TPOS input. Figure 32 is a diagram showing the all ones signal at TTIP and TRING.
FIGURE 32. TAOS (TRANSMIT ALL ONES)
4.5
Transmit Diagnostic Features
In addition to TAOS, the XRT83SL314 offers multiple diagnostic features for analyzing network integrity such
as ATAOS, Network Loop Code generation, and QRSS on a per channel basis by programming the
appropriate registers. These diagnostic features take priority over the digital data present on TPOS/TNEG
inputs. The transmitters will send the diagnostic code to the line and will be maintained in the digital loopback
if selected. When the LIU is responsible for sending diagnostic patterns, the LIU is automatically placed in the
single rail mode.
TABLE 11: MAXIMUM GAP WIDTH FOR MULTIPLEXER/MAPPER APPLICATIONS
FIFO DEPTH
MAXIMUM GAP WIDTH
32-Bit
20 UI
64-Bit
50 UI
TAOS
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com