Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 75Page - Exar Corporation XRT83SL314IB Datasheet HTML 76Page - Exar Corporation XRT83SL314IB Datasheet HTML 77Page - Exar Corporation XRT83SL314IB Datasheet HTML 78Page - Exar Corporation XRT83SL314IB Datasheet HTML 79Page - Exar Corporation XRT83SL314IB Datasheet HTML 80Page - Exar Corporation XRT83SL314IB Datasheet HTML 81Page - Exar Corporation XRT83SL314IB Datasheet HTML 82Page - Exar Corporation XRT83SL314IB Datasheet HTML 83Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
76
TABLE 58: POWER CONSUMPTION
VDD=3.3V ±5%, TA=25°C, INTERNAL IMPEDANCE, UNLESS OTHERWISE SPECIFIED
MODE
SUPPLY
VOLTAGE
IMPEDANCE
RECEIVER
TRANSMITTER
TYP
MAX
UNIT
TEST
CONDITION
E1
3.3V
75
Ω
1:1
1:2
2.80
3.29
W
100% ones
E1
3.3V
120
Ω
1:1
1:2
2.52
2.96
W
100% ones
T1
3.3V
100
Ω
1:1
1:2
2.81
3.31
W
100% ones
-
3.3V
-
1:1
1:2
620
730
mW
All Trans-
mitters
Turned Off
TABLE 59: E1 RECEIVER ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITION
Receiver Loss of Signal
Number of consecutive zeros
before RLOS is declared
Input signal level at RLOS
RLOS clear
10
15
12.5
175
20
-
255
-
-
dB
dB
Cable attenuation @ 1024kHz
ITU-G.775, ETSI 300 233
Receiver Sensitivity (short haul
with cable loss)
11
-
-
dB
With nominal pulse amplitude of
3.0V for 120
Ω and 2.37V for
75
Ω with -18dB interference
signal added.
Input Impedance
-
13
-
k
Ω
Input Jitter Tolerance
1Hz
10kHz - 100kHz
37
0.2
-
-
-
-
UIp-p
UIp-p
ITU-G.823
Recovered Clock Jitter
Transfer Corner Frequency
Peaking Amplitude
-
-
36
-
-
-0.5
kHz
dB
ITU-G.736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com