Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 63 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 63 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 59Page - Exar Corporation XRT83SL314IB Datasheet HTML 60Page - Exar Corporation XRT83SL314IB Datasheet HTML 61Page - Exar Corporation XRT83SL314IB Datasheet HTML 62Page - Exar Corporation XRT83SL314IB Datasheet HTML 63Page - Exar Corporation XRT83SL314IB Datasheet HTML 64Page - Exar Corporation XRT83SL314IB Datasheet HTML 65Page - Exar Corporation XRT83SL314IB Datasheet HTML 66Page - Exar Corporation XRT83SL314IB Datasheet HTML 67Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
60
TABLE 32: MICROPROCESSOR REGISTER 0X07H BIT DESCRIPTION
CHANNEL 0-13 (0X07H-0XD7H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used.
D6
FLSDET
FIFO LIMIT STATUS DETECT
The FLSDET is used to determine whether the receiver or trans-
mitter FIFO has reached its limit status. If both FIFOs reach their
limit capacity, this bit will be set to "1".
0 = Receive JA
1 = Transmit JA
RO
0
D5
D4
D3
D2
D1
D0
CLOS5
CLOS4
CLOS3
CLOS2
CLOS1
CLOS0
Cable Loss Indication
This 6-Bit binary word indicates the cable attenuation on the
receiver inputs RTIP/RRING within ±1dB with Bit 5 being the MSB.
RO
0
TABLE 33: MICROPROCESSOR REGISTER 0X08H BIT DESCRIPTION
CHANNEL 0-13 (0X08H-0XD8H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
X
0
D6
D5
D4
D3
D2
D1
D0
1SEG6
1SEG5
1SEG4
1SEG3
1SEG2
1SEG1
1SEG0
Arbitrary Pulse Generation
The transmit output pulse is divided into 8 individual segments.
This register is used to program the first segment which corre-
sponds to the overshoot of the pulse amplitude. There are four
segments for the top portion of the pulse and four segments for the
bottom portion of the pulse. Segment number 5 corresponds to
the undershoot of the pulse. The MSB of each segment is the sign
bit.
Bit 6 = 0 = Negative Direction
Bit 6 = 1 = Positive Direction
R/W
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com