Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 53 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 53 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 49Page - Exar Corporation XRT83SL314IB Datasheet HTML 50Page - Exar Corporation XRT83SL314IB Datasheet HTML 51Page - Exar Corporation XRT83SL314IB Datasheet HTML 52Page - Exar Corporation XRT83SL314IB Datasheet HTML 53Page - Exar Corporation XRT83SL314IB Datasheet HTML 54Page - Exar Corporation XRT83SL314IB Datasheet HTML 55Page - Exar Corporation XRT83SL314IB Datasheet HTML 56Page - Exar Corporation XRT83SL314IB Datasheet HTML 57Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
50
TABLE 21: MICROPROCESSOR REGISTER ADDRESS (ADDR[7:0])
REGISTER
NUMBER
ADDRESS (HEX)
FUNCTION
0 - 15
0x00 - 0x0F
Channel 0 Control Registers
16 - 31
0x10 - 0x1F
Channel 1 Control Registers
32 - 47
0x20 - 0x2F
Channel 2 Control Registers
48 - 63
0x30 - 0x3F
Channel 3 Control Registers
64 - 79
0x40 - 0x4F
Channel 4 Control Registers
80 - 95
0x50 - 0x5F
Channel 5 Control Registers
96 - 111
0x60 - 0x6F
Channel 6 Control Registers
112 - 127
0x70 - 0x7F
Channel 7 Control Registers
128 - 143
0x80 - 0x8F
Channel 8 Control Registers
144 - 159
0x90 - 0x9F
Channel 9 Control Registers
160 - 175
0xA0 - 0xAF
Channel 10 Control Registers
176 - 191
0xB0 - 0xBF
Channel 11 Control Registers
192 - 207
0xC0 - 0xCF
Channel 12 Control Registers
208 - 223
0xD0 - 0xDF
Channel 13 Control Registers
224 - 227
0xE0 - 0xEB
Global Control Registers Applied to All 14 Channels
228 - 243
0xEC - 0xF3
R/W Registers Reserved for Testing
244
0xF4
E1 Arbitrary Select
245 - 253
0xF5 - 0xFD
R/W Registers Reserved for Testing
254
0xFE
Device "ID"
255
0xFF
Device "Revision ID"
TABLE 22: MICROPROCESSOR REGISTER CHANNEL DESCRIPTION
REG
ADDR TYPE
D7
D6
D5
D4
D3
D2
D1
D0
Channel 0 Control Registers (0x00 - 0x0F)
0
0x00
R/W
QRSS/PRBS
Reserved
RxON
EQC4
EQC3
EQC2
EQC1
EQC0
1
0x01
R/W
RxTSEL
TxTSEL
TERSEL1
TERSEL0
RxJASEL
TxJASEL
JABW
FIFOS
2
0x02
R/W
INVQRSS
TxTEST2
TxTEST1
TxTEST0
TxON
LOOP2
LOOP1
LOOP0
3
0x03
R/W
NLCDE1
NLCDE0
CODES
RxRES1
RxRES0
INSBPV
INSBER
Reserved
4
0x04
R/W
EQFLAGE
DMOIE
FLSIE
LCVI/OFE
NLCDIE
AISDIE
RLOSIE
QRPDIE
5
0x05
RO
EQFLAG
DMO
FLS
LCV/OF
NLCD
AIS
RLOS
QRPD
6
0x06
RUR
EQFLAGS
DMOIS
FLSIS
LCV/OFIS
NLCDIS
AISIS
RLOSIS
QRPDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com