Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314IB Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 75Page - Exar Corporation XRT83SL314IB Datasheet HTML 76Page - Exar Corporation XRT83SL314IB Datasheet HTML 77Page - Exar Corporation XRT83SL314IB Datasheet HTML 78Page - Exar Corporation XRT83SL314IB Datasheet HTML 79Page - Exar Corporation XRT83SL314IB Datasheet HTML 80Page - Exar Corporation XRT83SL314IB Datasheet HTML 81Page - Exar Corporation XRT83SL314IB Datasheet HTML 82Page - Exar Corporation XRT83SL314IB Datasheet HTML 83Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
77
Jitter Attenuator Corner Fre-
quency
JABW = 0
JABW = 1
-
-
10
1.5
-
-
Hz
Hz
ITU-G.736
Return Loss
51kHz - 102kHz
102kHz - 2048kHz
2048kHz - 3072kHz
14
20
16
-
-
-
-
-
-
dB
dB
dB
ITU-G.703
TABLE 60: T1 RECEIVER ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITION
Receiver Loss of Signal
Number of consecutive zeros
before RLOS is declared
Input signal level at RLOS
RLOS clear
100
15
12.5
175
20
-
250
-
-
dB
% ones
Cable attenuation @ 772kHz
ITU-G.775, ETSI 300 233
Receiver Sensitivity (short haul
with cable loss)
12
-
-
dB
With nominal pulse amplitude of
3.0V for 100
Ω termination.
Input Impedance
-
13
-
k
Ω
Input Jitter Tolerance
1Hz
10kHz - 100kHz
138
0.4
-
-
-
-
UIp-p
UIp-p
AT&T Pub 62411
Recovered Clock Jitter
Transfer Corner Frequency
Peaking Amplitude
-
-
9.8
-
-
0.1
kHz
dB
TR-TSY-000499
Jitter Attenuator Corner Fre-
quency
-
6
-
Hz
AT&T Pub 62411
Return Loss
51kHz - 102kHz
102kHz - 2048kHz
2048kHz - 3072kHz
-
-
-
20
25
25
-
-
-
dB
dB
dB
TABLE 59: E1 RECEIVER ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com