Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 36Page - NXP Semiconductors SC28L194 Datasheet HTML 37Page - NXP Semiconductors SC28L194 Datasheet HTML 38Page - NXP Semiconductors SC28L194 Datasheet HTML 39Page - NXP Semiconductors SC28L194 Datasheet HTML 40Page - NXP Semiconductors SC28L194 Datasheet HTML 41Page - NXP Semiconductors SC28L194 Datasheet HTML 42Page - NXP Semiconductors SC28L194 Datasheet HTML 43Page - NXP Semiconductors SC28L194 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
40
DC ELECTRICAL SPECIFICATIONS FOR COMMERCIAL AND INDUSTRIAL (5V)
VCC = 5.0V ± 10%; –40 to +85°C
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.1
MAX.
UNIT
VIL
Input low voltage2
VSS
0.8
V
V
Input high voltage (except X1/CLK)
2.0
VCC
V
VIH
Input high voltage (X1/CLK)
0.8VCC
VCC
V
VOL3
Output low voltage4
IOL = 4.0mA
0.15
0.4
V
VO
Output high voltage
IOH = –400µA
0.8VCC
V
VOH
Output high voltage
IOH = –100µA
0.9VCC
V
VOL3
Open-drain low voltage
IOL = 14.0mA
<0.25
0.4
V
IIL
Input current low, I/O pins
VIN = 0
–10
<0.1
µA
IIH
Input current high, I/O pins
VIN = VCC
<0.1
10
µA
IL
Input leakage current
VIN = 0 to VCC
–5
<1
5
µA
IILCKX1
X1/CLK input low current
VIN = VSS, X2 = Open
–450
µA
IIHCKX1
X1/CLK input high current
VIN = VCC, X2 = Open
450
µA
IOZH
Output off current high, 3-State data bus
VIN = VCC
<0.1
10
µA
IOZL
Output off current low, 3-State data bus
VIN = 0
–10
<0.1
µA
IODL
Open-drain output low current in off state
VIN = 0
–10
<0.1
µA
IODH
Open-drain output high current in off state
VIN = VCC
<0.1
10
µA
Power supply current
TTL input levels
80
120
mA
ICC
Operating mode 33MHz
CMOS input levels
19
30
mA
ICC
Static Power-down (no clocks, open-drains off,
inputs at VSS or VCC)
CMOS input levels
5
25
µA
NOTES:
1. Typical values are at +25
°C, typical supply voltage and typcial processing parameters.
2. All voltage measurements are referenced to VSS. For testing, all inputs swing between 0.4V and 2.4V with a transition time of 10ns
maximum. For X1/CLK, this swing is between 0.4V and 4.4V. All time measurements are referenced at input voltages of VIL and VIH as
appropriate.
3. Test conditions for interrupt and I/O outputs: CL = 50pF. Test conditions for the rest of the outputs: CL = 60pF.
4. Simultaneous switching more than 6 I/O port pins from 5 volts to 0 volts at full capacitive load may ground bounce on the output pins up to
0.95 volts.
5. All RX, TX, Brg Timer, I/O pins operating at 16MHz. Sclk at 35MHz and VCC at 5.6 volts. A worst case environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com