Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 23Page - NXP Semiconductors SC28L194 Datasheet HTML 24Page - NXP Semiconductors SC28L194 Datasheet HTML 25Page - NXP Semiconductors SC28L194 Datasheet HTML 26Page - NXP Semiconductors SC28L194 Datasheet HTML 27Page - NXP Semiconductors SC28L194 Datasheet HTML 28Page - NXP Semiconductors SC28L194 Datasheet HTML 29Page - NXP Semiconductors SC28L194 Datasheet HTML 30Page - NXP Semiconductors SC28L194 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
27
Table 29.
IVR - Interrupt Vector Register
Bits 7:0
8 data bits of the Interrupt Vector (IVR)
The IVR contains the byte that will be placed on the data bus during
an IACKN cycle when the GCCR bits (2:1) are set to binary ‘01’.
This is the unmodified form of the interrupt vector.
Table 30.
Modification of the IVR
Bits 7:5
Bits 4:3
Bits 2:0
Always contains
bits (7:5) of the IVR
Will be replaced
with current
interrupt type if IVC
field of GCCR = 3
Replaced with
interrupting channel
number if IVC field of
GCCR > 1
The table above indicates how the IVR may be modified by the
interrupting source. The modification of the IVR as it is presented to
the data bus during an IACK cycle is controlled by the setting of the
bits (2:1) in the GCCR (Global Chip Configuration Register)
Table 31.
GICR - Global Interrupting Channel
Register
Bits 7:3
Bits 2:0
Reserved
Channel code
000 = a
001 = b
010 = c
011 = d
A register associated with the interrupting channel as defined in the
CIR. It contains the interrupting channel code for all interrupts.
Table 32.
GIBCR - Global Interrupting Byte Count
Register
Bits 7:4
Bits 3:0
Reserved
Channel byte count code
0000 = 1 AND RxRDY status set for RxFIFO
0000 = 1 AND TxRDY status set for TxD
0001 = 2
0010 = 3
.
1111 = 16
A register associated with the interrupting channel as defined in the
CIR. Its numerical value equals the number of bytes minus 1
(count - 1) ready for transfer to the transmitter or transfer from the
receiver. It is undefined for other types of interrupts
Table 33.
Global Interrupting Type Register
Bit 7:6
Bit 5
Bit 4:3
Bit 2:0
Receiver Interrupt
Transmitter Interrupt
Reserved
Other types
0x - not receiver
10 - with receive errors
11 - w/o receive errors
0 - not transmitter
1 - transmitter interrupt
read b’00
000 - not “other” type
001 - Change of State
010 - Address Recognition Event
011 - Xon/Xoff status
100 - Not used
101 - Break Change
11x - do not occur
A register associated with the interrupting channel as defined in the
CIR. It contains the type of interrupt code for all interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com