Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC28L194 Datasheet HTML 1Page - NXP Semiconductors SC28L194 Datasheet HTML 2Page - NXP Semiconductors SC28L194 Datasheet HTML 3Page - NXP Semiconductors SC28L194 Datasheet HTML 4Page - NXP Semiconductors SC28L194 Datasheet HTML 5Page - NXP Semiconductors SC28L194 Datasheet HTML 6Page - NXP Semiconductors SC28L194 Datasheet HTML 7Page - NXP Semiconductors SC28L194 Datasheet HTML 8Page - NXP Semiconductors SC28L194 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
2
1998 Sep 21
DESCRIPTION
The Philips 28L194 Quad UART is a single chip CMOS-LSI
communications device that provides 4 full-duplex asynchronous
channels with significantly deeper 16 byte FIFOs, Automatic in-band
flow control using Xon/Xoff characters defined by the user and
address recognition in the Wake-up mode. Synchronous bus
interface is used for all communication between host and QUART. It
is fabricated in Philips state of the art CMOS technology that
combines the benefits of low cost, high density and low power
consumption.
The operating speed of each receiver and transmitter can be
selected independently from one of 22 fixed baud rates, a 16X clock
derived from one of two programmable baud rate counters or one of
three external 16X clocks (1 available at 1x clock rate). The baud
rate generator and counter can operate directly from a crystal or
from seven other external or internal clock inputs. The ability to
independently program the operating speed of the receiver and
transmitter makes the Quad UART particularly attractive for dual
speed full duplex channel applications such as clustered terminal
systems. The receivers and transmitters are buffered with FIFOs of
16 characters to minimize the potential for receiver overrun and to
reduce interrupt overhead. In addition, a handshaking capability and
in-band flow control are provided to disable a remote UART
transmitter when the receiver buffer is full or nearly so.
To minimize interrupt overhead an interrupt arbitration system is
included which reports the context of the interrupting UART via
direct access or through the modification of the interrupt vector. The
context of the interrupt is reported as channel number, type of
device interrupting (receiver COS etc.) and, for transmitters or
receivers, the fill level of the FIFO.
The Quad UART provides a power down mode in which the
oscillator is stopped but the register contents are maintained. This
results in reduced power consumption of several orders of
magnitudes. The Quad UART is fully TTL compatible when
operating from a single +5V or 3.3V power supply. Operation at 3.3V
or 5.0V is maintained with CMOS interface levels.
Uses
• Statistical Multiplexers
• Data Concentrators
– Packet-switching networks
– Process Control
– Building or Plant Control
– Laboratory data gathering
– ISDN front ends
– Computer Networks
– Point-of-Sale terminals
• Automotive, cab and engine controls
• Entertainment systems
– MIDDI keyboard control music systems
– Theater lighting control
• Terminal Servers
– Computer-Printer/Plotter links
FEATURES
• Single 3.3V and 5.0V power supply
• Four Philips industry standard full duplex UART channels
• Sixteen byte receiver FIFOs for each UART
• Sixteen byte transmit FIFOs for each UART
• In band flow control using programmable Xon/Xoff characters
• Flow control using CTSN RTSN hardware handshaking
• Automatic address detection in multi-drop mode
• Three byte general purpose character recognition
• Fast data bus, 15 ns data bus release time, 125 ns bus cycle time
• Programmable interrupt priorities
• Automatic identification of highest priority interrupt pending
• Global interrupt and control registers ease setup and interrupt
handling
• Vectored interrupts with programmable interrupt vector formats
– Interrupt vector modified with channel number
– Interrupt vector modified with channel number and channel type
– Interrupt vector not modified
• IACKN and DACKN signal pins
• Watch dog timer for each receiver (64 receive clock counts)
• Programmable Data Formats:
– 5 to 8 data bits plus parity
– Odd, even force or no parity
– 1, 1.5 or 2 stop bits
• Flexible baud rate selection for receivers and transmitters:
– 22 fixed rates; 50 - 230.4K baud or 100 to 460.8K baud
– Additional non-standard rates to 500K baud with internal
generators
– Two reload-counters provide additional programmable baud
rate generation
– External 1x or 16x clock inputs
– Simplified baud rate selection
• 1 MHz 1x and 16x data rates full duplex all channels.
• Parity, framing and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
– Normal(full duplex)
– Diagnostic modes
automatic echo
local loop back
emote loop back
• Four I/O ports per UART for modem controls, clocks, RTSN, I/O,
etc.
– All I/O ports equipped with “Change of State Detectors”
• Two global inputs and two global outputs for general purpose I/O
• Power down mode
• On chip crystal oscillator, 2-8 MHz
• TTL input levels. Outputs switch between full V
CC and VSS
• High speed CMOS technology
• 80-pin Low Profile Quad Flat Pack LQFP and 68-pin PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com