Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 40Page - NXP Semiconductors SC28L194 Datasheet HTML 41Page - NXP Semiconductors SC28L194 Datasheet HTML 42Page - NXP Semiconductors SC28L194 Datasheet HTML 43Page - NXP Semiconductors SC28L194 Datasheet HTML 44Page - NXP Semiconductors SC28L194 Datasheet HTML 45Page - NXP Semiconductors SC28L194 Datasheet HTML 46Page - NXP Semiconductors SC28L194 Datasheet HTML 47Page - NXP Semiconductors SC28L194 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
44
tRWD
SCLK
CEN
W_RN
ADDRESS
DATA
DACKN
INVALID
VALID
C1
C2
C3
C4
tCS
INVALID
INVALID
VALID
INVALID
tRWS
tAS
tAH
tDD
DAKDLY
tDF
C4
DAKDLY
CEN
tCH
tRWH
DATA=00
SD00196
Figure 6.
Basic Read Cycle, ASYNC
tCH
tSTP
SCLK
CEN
W_RN
ADDRESS
DATA
DACKN
INVALID
VALID
C1
C2
C3
C4
tCS
INVALID
INVALID
VALID
INVALID
tRWS
tAS
tAH
tDD
DAKDLY
tDF
C4
DAKDLY
C4 END
tRWH
DATA=00
SD00197
C1
C2
Figure 7.
Basic Read Cycle, SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com