Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 43Page - NXP Semiconductors SC28L194 Datasheet HTML 44Page - NXP Semiconductors SC28L194 Datasheet HTML 45Page - NXP Semiconductors SC28L194 Datasheet HTML 46Page - NXP Semiconductors SC28L194 Datasheet HTML 47Page - NXP Semiconductors SC28L194 Datasheet HTML 48Page - NXP Semiconductors SC28L194 Datasheet HTML 49Page - NXP Semiconductors SC28L194 Datasheet HTML 50Page - NXP Semiconductors SC28L194 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
47
INDEX
Numbers
1x and 16x modes, Receiver, 8
1x and 16x modes, Transmitter, 8
A
Address Recognition Character Register, 24
ARCR, 24
Asynchronous bus cycle, 5
B
Baud Rate Generator, 6
BCRA, 24
BCRBRK, 24
BCRCOS, 24
BCRx, 24
Bidding Control Register – Address, 24
Bidding Control Register – Break Change, 24
Bidding Control Register – Change of State, 24
Bidding Control Register – Xon, 24
Block diagram, 5
Break, transmission of, 8
BRG Timer Control Register, 26
BRG Timer Reload Registers, Lower, 25
BRG Timer Reload Registers, Upper, 25
BRGTCR, 26
BRGTRL, 25
BRGTRU, 25
C
CEN, 5
Channel Blocks, 6
Channel Status Register, 22
Character Recognition, 6
Character Stripping, 10
CIR, 26
Clock Register, Rx & Tx, 20
Command Register, 20
COMMAND REGISTER TABLE, 22
CR, 20
Crystal oscillator, 5
Current Interrupt Register, 26
D
Description, 2
DESCRIPTION, over all, 5
F
Framing error, 8
G
GCCR, 16
General Purpose Output Clk Register, 29
General Purpose Output Data Register, 29
General Purpose Output Register, 29
General Purpose Output Select Register, 29
General Purpose Pins, 10
GIBCR, 27
GICR, 27
GITR, 27
Global Configuration Control Register (GCCR), 16
Global Interrupting Byte Count Register, 27
Global Interrupting Channel Register, 27
Global Registers, 7, 10
Global RxFIFO Register, 28
Global TxFIFO Register, 28
GPOC, 29
GPOD, 29
GPOR, 29
GPOSR, 29
GRxFIFO, 28
GTxFIFO, 28
H
Host Interface, 5
I
I/O Port Configuration Register, 28
I/O Port Interrupt and Output Register, 28
I/O ports, 9
I/OPCR, 9, 28
I/OPIOR, 28
I/OPIOR register, 9
IACKN, 7
IACKN Cycle, 11
ICR, 26
IMR, 7, 24
Input Port Register, 28
Interrupt Arbitration, 10
Interrupt Control, 7
Interrupt Mask Register, 24
Interrupt priorities, Setting, 11
Interrupt sources, Enabling, 11
Interrupt Status Register, 23
Interrupt Vector Register, 27
Interrupts, Xon/Xoff, 15
IPR, 28
ISR, 7, 23
IVR, 27
M
Minor Modes, 13
Mode control, Xon/Xoff, 15
Mode Register 0, 17
Mode Register 1, 18
Mode Register 2, 19
Mode Registers, Initialization, 16
Modes of Operation, 12
MR0, 17
MR1, 18
MR2, 19
Multidrop mode, 10
O
Overrun error, 9
P
Parity error, 9
Pin configurations, 3
Pin Description, 4
Polling, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com