Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 29Page - NXP Semiconductors SC28L194 Datasheet HTML 30Page - NXP Semiconductors SC28L194 Datasheet HTML 31Page - NXP Semiconductors SC28L194 Datasheet HTML 32Page - NXP Semiconductors SC28L194 Datasheet HTML 33Page - NXP Semiconductors SC28L194 Datasheet HTML 34Page - NXP Semiconductors SC28L194 Datasheet HTML 35Page - NXP Semiconductors SC28L194 Datasheet HTML 36Page - NXP Semiconductors SC28L194 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
33
A(7:0)
UART C
A(7:0)
Read
Write
0010 0000 (x20)
Mode Register 0 MR0c
Mode Register 0 MR0c
0010 0001 (x21)
Mode Register 1
Mode Register 1 MR1c
0010 0010 (x22)
I/O Port Configuration Reg c I/OPCRc
I/O Port Configuration Reg c I/OPCRc
0010 0011 (x23)
BCRBRKc
BCRBRKc
0010 0100 (x24)
BCRCOSc
BCRCOSc
0010 0101 (x25)
Reserved
Reserved
0010 0110 (x26)
BCRXc
BCRXc
0010 0111 (x27)
BCRAc
BCRAc
0010 1000 (x28)
Xon Character Reg c (XonCRc)
Xon Character Reg c (XonCRc)
0010 1001 (x29)
Xoff Character Reg c (XoffCRc)
Xoff Character Reg c (XoffCRc)
0010 1010 (x2A)
Address Recognition Character c (ARCRc)
Address Recognition Character c (ARCRc)
0010 1011 (x2B)
Reserved
Reserved
0010 1100 (x2C)
Receiver Clock Select Register c (RxCSRc)
Receiver Clock Select Register c (RxCSRc)
0010 1101 (x2D)
Reserved
Reserved
0010 1110 (x2E)
Xmit Clock Select Register c (TxCSRc)
Xmit Clock Select Register c (TxCSRc)
0010 1111 (x2F)
Reserved
Reserved
A(7:0)
UART D
A(7:0)
Read
Write
0011 0000 (x30)
Mode Register 0 MR0d
Mode Register 0 MR0d
0011 0001 (x31)
Mode Register 1 MR1d
Mode Register 1 MR1d
0011 0010 (x32)
I/O Port Configuration Reg d I/OPCRd
I/O Port Configuration Reg d I/OPCRd
0011 0011 (x33)
BCRBRKd
BCRBRKd
0011 0100 (x34)
BCRCOSd
BCRCOSd
0011 0101 (x35)
Reserved
Reserved
0011 0110 (x36)
BCRXd
BCRXd
0011 0111 (x37)
BCRAd
BCRAd
0011 1000 (x38)
Xon Character Reg d (XonCRd)
Xon Character Reg d (XonCRd)
0011 1001 (x39)
Xoff Character Reg d (XoffCRd)
Xoff Character Reg d (XoffCRd)
0011 1010 (x3A)
Address Recognition Character d (ARCRd)
Address Recognition Character d (ARCRd)
0011 1011 (x3B)
Reserved
Reserved
0011 1100 (x3C)
Receiver Clock Select Register d (RxCSRd)
Receiver Clock Select Register d (RxCSRd)
0011 1101 (x3D)
Reserved
Reserved
0011 1110 (x3E)
Xmit Clock Select Register d (TxCSRd)
Xmit Clock Select Register d (TxCSRd)
0011 1111 (x3F)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com