Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 42Page - NXP Semiconductors SC28L194 Datasheet HTML 43Page - NXP Semiconductors SC28L194 Datasheet HTML 44Page - NXP Semiconductors SC28L194 Datasheet HTML 45Page - NXP Semiconductors SC28L194 Datasheet HTML 46Page - NXP Semiconductors SC28L194 Datasheet HTML 47Page - NXP Semiconductors SC28L194 Datasheet HTML 48Page - NXP Semiconductors SC28L194 Datasheet HTML 49Page - NXP Semiconductors SC28L194 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
46
fSCLK
tSCLKL
T/RFSCLK
tSCLKH
SD00199
Figure 10.
SCLK Timing
FC/T
TC/TL
T/RFSCLK
TC/TH
TC/TO
SD00200
Figure 11.
Counter/Timer Baud Rate Clock, External
Frx
Trx
T/RF
TC/TH
TC/TO
Ttx
Ftx
SD00201
Figure 12.
Tx/Rx Clock Timing, External
1X DATA CLOCK
tRXS
tRXH
tTXD
RxD
TxD
SD00202
Figure 13.
Transmitter and Receiver Timing
Note: CEN must not be active during an IACKN cycle. If CEN is
active IACKN will be ignored and a normal read or write will be
executed according to W_RN.
In the synchronous mode extended IACKN signal cycle will start
another IACKN. (This may not be desired, but is allowed.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com