Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC28L194 Datasheet HTML 28Page - NXP Semiconductors SC28L194 Datasheet HTML 29Page - NXP Semiconductors SC28L194 Datasheet HTML 30Page - NXP Semiconductors SC28L194 Datasheet HTML 31Page - NXP Semiconductors SC28L194 Datasheet HTML 32Page - NXP Semiconductors SC28L194 Datasheet HTML 33Page - NXP Semiconductors SC28L194 Datasheet HTML 34Page - NXP Semiconductors SC28L194 Datasheet HTML 35Page - NXP Semiconductors SC28L194 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Philips Semiconductors
Preliminary specification
SC28L194
Quad UART for 3.3V and 5V supply voltage
1998 Sep 21
32
REGISTER MAP DETAIL
Table 45.
Register Map, Control
NOTE: The register maps for channels A and B (UARTs A and B) contain some control registers that configure the entire chip. These are
denoted by a
♣ symbol
A(7:0)
UART A
A(7:0)
Read
Write
0000 0000 (x00)
Mode Register 0 MR0a
Mode Register 0 MR0a
0000 0001 (x01)
Mode Register 1 MR1a
Mode Register 1 MR1a
0000 0010 (x02)
I/O Port Configuration Reg a I/OPCRa
I/O Port Configuration Reg a I/OPCRa
0000 0011 (x03)
BCRBRKa
BCRBRKa
0000 0100 (x04)
BCRCOSa
BCRCOSa
0000 0101 (x05)
Reserved
Reserved
0000 0110 (x06)
BCRXa
BCRXa
0000 0111 (x07)
BCRAa
BCRAa
0000 1000 (x08)
Xon Character Reg a (XonCRa)
Xon Character Reg a (XonCRa)
0000 1001 (x09)
Xoff Character Reg a (XoffCRa)
Xoff Character Reg a (XoffCRa)
0000 1010 (x0A)
Address Recognition Character a (ARCRa)
Address Recognition Character a (ARCRa)
0000 1011 (x0B)
Reserved
Reserved
0000 1100 (x0C)
Receiver Clock Select Register a (RxCSRa)
Receiver Clock Select Register a (RxCSRa)
0000 1101 (x0D)
♣ Test Register
Test Register
0000 1110 (x0E)
Xmit Clock Select Register a TxCSRa)
Xmit Clock Select Register a TxCSRa)
0000 1111 (x0F)
♣ Global Chip Configuration Reg(GCCR)
Global Chip Configuration Reg GCCR)
A(7:0)
UART B
A(7:0)
Read
Write
0001 0000 (x10)
Mode Register 0 MR0b
Mode Register 0 MR0b
0001 0001 (x11)
Mode Register 1 MR1b
Mode Register 1 MR1b
0001 0010 (x12)
I/O Port Configuration Reg b I/OPCRb
I/O Port Configuration Reg b I/OPCRb
0001 0011 (x13)
BCRBRKb
BCRBRKb
0001 0100 (x14)
BCRCOSb
BCRCOSb
0001 0101 (x15)
Reserved
Reserved
0001 0110 (x16)
BCRXb
BCRXb
0001 0111 (x17)
BCRAb
BCRAb
0001 1000 (x18)
Xon Character Reg b (XonCRb)
Xon Character Reg b (XonCRb)
0001 1001 (x19)
Xoff Character Reg b (XoffCRb)
Xoff Character Reg b (XoffCRb)
0001 1010 (x1A)
Address Recognition Character b (ARCRb)
Address Recognition Character b (ARCRb)
0001 1011 (x1B)
♣ Interrupt Control Register (ICR)
Interrupt Control Register (ICR)
0001 1100 (x1C)
Receiver Clock Select Register b (RxCSRb)
Receiver Clock Select Register b (RxCSRb)
0001 1101 (x1D)
♣ Watch-dog Timer Run Control (WDTRCR)
Watch-dog Timer Run Control (WDTRCR)
0001 1110 (x1E)
Xmit Clock Select Register b (TxCSRb)
Xmit Clock Select Register b (TxCSRb)
0001 1111 (x1F)
♣ Interrupt Vector Register (IVR)
Interrupt Vector Register (IVR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com