Electronic Components Datasheet Search
  English  ▼

X  

SC28L194 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC28L194
Description  Quad UART for 3.3V and 5V supply voltage
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L194 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC28L194 Datasheet HTML 1Page - NXP Semiconductors SC28L194 Datasheet HTML 2Page - NXP Semiconductors SC28L194 Datasheet HTML 3Page - NXP Semiconductors SC28L194 Datasheet HTML 4Page - NXP Semiconductors SC28L194 Datasheet HTML 5Page - NXP Semiconductors SC28L194 Datasheet HTML 6Page - NXP Semiconductors SC28L194 Datasheet HTML 7Page - NXP Semiconductors SC28L194 Datasheet HTML 8Page - NXP Semiconductors SC28L194 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Philips
Semiconductors
SC28L194
Quad UART for 3.3V and 5V supply
voltage
Preliminary specification
Supersedes data of 1995 Dec 14
IC19 Data Handbook
1998 Sep 21
INTEGRATED CIRCUITS


Similar Part No. - SC28L194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198A1 PHILIPS-SC28L198A1 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198A1A PHILIPS-SC28L198A1A Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198A1BE PHILIPS-SC28L198A1BE Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
SC28L198C1A PHILIPS-SC28L198C1A Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
More results

Similar Description - SC28L194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C198 PHILIPS-SC26C198 Datasheet
358Kb / 49P
Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC28L198 PHILIPS-SC28L198 Datasheet
345Kb / 56P
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
logo
Exar Corporation
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Exar Corporation
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
5V PCI BUS QUAD UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com