Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5752 Datasheet HTML 1Page - Richtek Technology Corporation RT5752 Datasheet HTML 2Page - Richtek Technology Corporation RT5752 Datasheet HTML 3Page - Richtek Technology Corporation RT5752 Datasheet HTML 4Page - Richtek Technology Corporation RT5752 Datasheet HTML 5Page - Richtek Technology Corporation RT5752 Datasheet HTML 6Page - Richtek Technology Corporation RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
RT5752
3
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Marking Information
RT5752AHGJ5
9R=DNN
9R= : Product Code
DNN : Date Code
RT5752ALGJ5
9Q=DNN
9Q= : Product Code
DNN : Date Code
RT5752AHGJ6
3S=DNN
3S= : Product Code
DNN : Date Code
RT5752ALGJ6
3R=DNN
3R= : Product Code
DNN : Date Code
RT5752BHGJ5
9P=DNN
9P= : Product Code
DNN : Date Code
RT5752BLGJ5
9N=DNN
9N= : Product Code
DNN : Date Code
RT5752BHGJ6
3Q=DNN
3Q= : Product Code
DNN : Date Code
RT5752BLGJ6
3P=DNN
3P= : Product Code
DNN : Date Code
Pin No.
Pin Name
Pin Function
TSOT-23-5
TSOT-23-6
WDFN-6L 2x2
1
1
2
EN
Enable control input. Connect this pin to logic high
enables the device and connect this pin to ground
disables the device.
2
2
5,
7 (Exposed Pad)
GND
Power ground.
3
3
4
SW
Switch node between the internal switch and the
synchronous rectifier. Connect this pin to the
inductor.
4
4
3
VIN
Power input. The input voltage range is from 2.5V
to 6V. Connect input bypass capacitors directly to
this pin and GND pins. MLCC with capacitance
higher than 10
F is recommended.
5
6
6
FB
Output voltage sense. Sense the output voltage at
the FB pin through a resistive divider. The feedback
reference voltage is 0.6V typically.
--
5
1
PG
Open-drain power-good indicator output. Once
being started-up, PG will be pulled low to ground if
any internal protection is triggered.
RT5752AHGQW
5RW
5R : Product Code
W : Date Code
RT5752BHGQW
5SW
5S : Product Code
W : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com