Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 18Page - Richtek Technology Corporation RT5752 Datasheet HTML 19Page - Richtek Technology Corporation RT5752 Datasheet HTML 20Page - Richtek Technology Corporation RT5752 Datasheet HTML 21Page - Richtek Technology Corporation RT5752 Datasheet HTML 22Page - Richtek Technology Corporation RT5752 Datasheet HTML 23Page - Richtek Technology Corporation RT5752 Datasheet HTML 24Page - Richtek Technology Corporation RT5752 Datasheet HTML 25Page - Richtek Technology Corporation RT5752 Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
RT5752
22
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OUT
ON
ON
MAX
IN
SW
ON
OFF_MIN
Vt
t
=
and D
=
Vf
t
t

The actual on-time will be slightly longer as the IC
compensates for voltage drops in the circuit, but we can
neglect both of these since the on-time increase
compensates for the voltage losses. Calculate the output
voltage sag as :

2
OUT
SAG
OUT
IN(MIN)
MAX
OUT
L( I
)
V
=
2C
V
D
V


The amplitude of the capacitive soar is a function of the
load step, the output capacitor value, the inductor value
and the output voltage :
2
OUT
SOAR
OUT
OUT
L( I
)
V
=
2C
V


Because some modern digital loads can exhibit nearly
instantaneous load changes, the amplitude of the ESR
step up or down should be taken into consideration.
Output Voltage Setting
Set the desired output voltage using a resistive divider
from the output to ground with the midpoint connected to
FB, as shown in Figure 5. The output voltage is set
according to the following equation :
VOUT = 0.6V x (1 + RFB1 / RFB2)
Figure 5. Output Voltage Setting
Place the FB resistors within 5mm of the FB pin. For
output voltage accuracy, use divider resistors with 1% or
better tolerance.
EN Pin for Start-Up and Shutdown Operation
For automatic start-up, the EN pin can be connected to
the input supply VIN directly. The large built-in hysteresis
band makes the EN pin useful for simple delay and timing
circuits. The EN pin can be externally connected to VIN
by adding a resistor REN and a capacitor CEN, as shown in
Figure 6, to have an additional delay. The time delay can
be calculated with the EN's internal threshold, at which
switching operation begins.
An external MOSFET can be added for the EN pin to be
logic-controlled, as shown in Figure 7. In this case, a pull-
up resistor, REN, is connected between VIN and the EN
pin. The MOSFET Q1 will be under logic control to pull
down the EN pin. To prevent the device being enabled
when VIN is smaller than the VOUT target level or some
other desired voltage level, a resistive divider (REN1 and
REN2) can be used to externally set the input under-voltage
lockout threshold, as shown in Figure 8.
Figure 6. Enable Timing Control
RT5752
GND
FB
RFB1
VOUT
RFB2
EN
GND
VIN
REN
CEN
RT5752
capacitors) and the output capacitance is large enough to
prevent excessive sag and soar on very fast load step
edges, with the chosen inductor value.
The amplitude of the ESR step up or down is a function of
the load step and the ESR of the output capacitor :
VESR _STEP =
ΔIOUT x RESR
The amplitude of the capacitive sag is a function of the
load step, the output capacitor value, the inductor value,
the input-to-output voltage differential, and the maximum
duty cycle. The maximum duty cycle during a fast transient
is a function of the on-time and the minimum off-time since
the ACOT® control scheme will ramp the current using
on-times spaced apart with minimum off-times, which is
as fast as allowed. Calculate the approximate on-time
(neglecting parasites) and maximum duty cycle for a given
input and output voltage as :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com