Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5752 Datasheet HTML 1Page - Richtek Technology Corporation RT5752 Datasheet HTML 2Page - Richtek Technology Corporation RT5752 Datasheet HTML 3Page - Richtek Technology Corporation RT5752 Datasheet HTML 4Page - Richtek Technology Corporation RT5752 Datasheet HTML 5Page - Richtek Technology Corporation RT5752 Datasheet HTML 6Page - Richtek Technology Corporation RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RT5752
®
DS5752-03 November 2023
www.richtek.com
1
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2A, 1.2MHz, 6V Synchronous Step-Down Converter in
TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
General Description
The RT5752 is a simple, easy-to-use, 2A synchronous
step-down DC-DC converter with an input supply voltage
range from 2.5V to 6V. The device builds in an accurate
0.6V reference voltage and integrates low RDS(ON) power
MOSFETs to achieve high efficiency in TSOT-23-5,
TSOT-23-6 and WDFN-6L 2x2 packages.
The RT5752 adoptsAdvanced Constant On-Time (ACOT®)
control architecture to provide an ultrafast transient
response with few external components and to operate in
nearly constant switching frequency over the line, load,
and output voltage range. The RT5752A operates in
automatic PSM that maintains high efficiency during light
load operation. The RT5752B operates in Forced PWM
that helps to meet tight voltage regulation accuracy
requirements.
The RT5752 senses both FETs current for a robust over-
current protection. The device features cycle-by-cycle
current limit protection which prevents the device from
the catastrophic damage in output short circuit, over current
or inductor saturation. A built-in soft-start function prevents
inrush current during start-up. The device also includes
input under-voltage lockout, output under-voltage
protection, over-voltage protection (RT5752AL/BL) and
over-temperature protection to provide safe and smooth
operation in all operating conditions.
Features
Input Voltage Range from 2.5V to 6V
Integrated 100m
Ω
Ω
Ω
Ω
Ω and 70mΩ
Ω
Ω
Ω
Ω FETs
100% Duty Cycle for Lowest Dropout
Internal Reference Voltage with 1% Accuracy
1.2MHz Typical Switching Frequency
Power Saving Mode for Light Loads (RT5752A)
Advanced Constant On-Time (ACOT
®) Control
Internal Soft Startup (1.5ms)
Enable Control Input
Power Good Indicator
Negative Over-Current Protection (RT5752B)
Fully Protection with UVLO, OVP, UVP, Cycle-by-
Cycle Current Limit and OTP
RoHS Compliant and Halogen Free
Applications
Mobile Phones and Handheld Devices
STB, Cable Modem, and xDSL Platforms
WLANASIC Power / Storage (SSD and HDD)
General Purpose for POL LV Buck Converters
Simplified Application Circuit
FB
GND
PG
VIN
EN
SW
VOUT
VIN
L
CIN
RT5752
RFB1
RFB2
COUT
VPG
Chip Enable
CFF
RPG


Similar Part No. - RT5752

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750AHGJ5 RICHTEK-RT5750AHGJ5 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750AHGJ6 RICHTEK-RT5750AHGJ6 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750BHGJ5 RICHTEK-RT5750BHGJ5 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
RT5750BHGJ6 RICHTEK-RT5750BHGJ6 Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
More results

Similar Description - RT5752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
logo
Eutech Microelectronics...
EUP2518 EUTECH-EUP2518 Datasheet
191Kb / 8P
White LED Step-Up Converter In TSOT-23 Package
logo
Monolithic Power System...
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
logo
Monolithic Power System...
MP1471 MPS-MP1471 Datasheet
491Kb / 17P
High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
RT6217A RICHTEK-RT6217A Datasheet
419Kb / 17P
24V, 3A, 500kHz, ACOTTM Step-Down Converter in 8 Pin TSOT-23
January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com