Electronic Components Datasheet Search
  English  ▼

X  

RT5752 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT5752
Description  2A, 1.2MHz, 6V Synchronous Step-Down Converter in TSOT-23-5/TSOT-23-6 and WDFN-6L 2x2
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5752 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT5752 Datasheet HTML 2Page - Richtek Technology Corporation RT5752 Datasheet HTML 3Page - Richtek Technology Corporation RT5752 Datasheet HTML 4Page - Richtek Technology Corporation RT5752 Datasheet HTML 5Page - Richtek Technology Corporation RT5752 Datasheet HTML 6Page - Richtek Technology Corporation RT5752 Datasheet HTML 7Page - Richtek Technology Corporation RT5752 Datasheet HTML 8Page - Richtek Technology Corporation RT5752 Datasheet HTML 9Page - Richtek Technology Corporation RT5752 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
RT5752
6
DS5752-03 November 2023
www.richtek.com
©
Copyright 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Maximum Duty Cycle Operation
The RT5752 is designed to operate in dropout at the high
duty cycle approaching 100%. If the operational duty cycle
is large and the required off-time becomes smaller than
minimum off-time, the RT5752 starts to enable skip off-
time function and keeps high-side MOSFET switch on
continuously. The RT5752 implements skip off-time
function to achieve high duty approaching 100%. Therefore,
the maximum output voltage is near the minimum input
supply voltage of the application for input voltage
momentarily falls down to the normal output voltage
requirement. The input voltage at which the devices enter
dropout changes depending on the input voltage, output
voltage, switching frequency, load current, and the
efficiency of the design.
Power Good Indication
The RT5752 features an open-drain power-good output
(PG) to monitor the output voltage status. The output delay
of comparator prevents false flag operation for short
excursions in the output voltage, such as during line and
load transients. Pull-up PG with a resistor to VIN or an
external voltage below 6V. When VIN voltage rises above
VUVLO, the power-good function is activated. After soft-
start is finished, the PG pin is controlled by a comparator
connected to the feedback signal VFB. If VFB rises above
a power-good high threshold (VTH_PGLH) (typically 90% of
the reference voltage), the PG pin will be in high impedance
and VPG will be held high. When VFB falls short of power-
good low threshold (VTH_PGHL) (typically 85% of the
reference voltage), the PG pin will be pulled low. Once
being started-up, if any internal protection is triggered,
PG will be pulled low to GND. The internal open-drain pull-
down device will pull the PG pin low. The power good
indication profile is shown below.
Table 1. PG Pin Status
Conditions
PG Pin
Enable
VEN > VEN_H,
VFB > VTH_PGLH
High Impedance
VEN > VEN_H,
VFB < VTH_PGHL
Low
Shutdown
VEN < VEN_L
Low
OTP
TJ > TSD
Low
 
Input Under-Voltage Lockout
In addition to the EN pin, the RT5752 also provides enable
control through the VIN pin. If VEN rises above VENH first,
switching will still be inhibited until the VIN voltage rises
above VUVLO. It is to ensure that the internal regulator is
ready so that operation with not-fully-enhanced internal
MOSFET switches can be prevented. After the device is
powered up, if the input voltage VIN goes below the UVLO
falling threshold voltage (VUVLO
− ΔVUVLO), this switching
will be inhibited; if VIN rises above the UVLO rising
threshold (VUVLO), the device will resume normal operation
with a complete soft-start.
The Over-Current Protection
The RT5752 features cycle-by-cycle current-limit protection
on both the high-side and low-side MOSFETs and the
protection prevents the device from the catastrophic
damage in output short circuit, over current or inductor
saturation.
The high-side MOSFET over-current protection is achieved
by an internal current comparator that monitors the current
in the high-side MOSFET during each on-time. The switch
current is compared with the high-side switch peak-current
limit (ILIM_H) after a certain amount of delay when the high-
side switch being turned on each cycle. If an over-current
condition occurs, the converter will immediately turn off
the high-side switch and turn on the low-side switch to
prevent the inductor current from exceeding the high-side
current limit.
The low-side MOSFET over-current protection is achieved
by measuring the inductor current through the
synchronous rectifier (low-side switch) during the low-side
on-time. Once the current rises above the low-side switch
valley current limit (ILIM_L), the on-time one-shot will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com